Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33975EK Arkusz danych(PDF) 8 Page - Freescale Semiconductor, Inc

Numer części MC33975EK
Szczegółowy opis  Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33975EK Arkusz danych(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC33975EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33975
STATIC ELECTRICAL CHARACTERISTICS
DIGITAL INTERFACE
Input Logic High-Voltage Thresholds (10)
VIH
0.7 x VDD
–VDD + 0.3
V
Input Logic Low-Voltage Thresholds (10)
VIL
GND - 0.3
0.2 x VDD
V
SCLK, SI, Tri-State SO Input Current
0.0 V to VDD
ISCLK, ISI,
ISO(Tri)
-10
10
µA
CS
Input Current
CS
= VDD
ICS
-10
10
µA
CS
Pull-Up Current
CS
= 0.0 V
ICS
30
100
µA
SO High-State Output Voltage
ISO(high) = -200 µA
VSO(high)
VDD - 0.8
VDD
V
SO Low-State Output Voltage
ISO(high) = 1.6 mA
VSO(low)
0.4
V
Input Capacitance on SCLK, SI, Tri-State SO (11)
CIN
20
pF
INT
Internal Pull-Up Current
15
40
100
µA
INT
Voltage
INT
= Open Circuit
VINT(high)
VDD - 0.5
VDD
V
INT
Voltage
IINT = 1.0 mA
VINT(low)
0.2
0.4
V
WAKE
Internal Pull-Up Current
IWAKE(pu)
20
40
100
µA
WAKE
Voltage
WAKE
= Open Circuit
VWAKE(high)
4.0
4.3
5.3
V
WAKE
Voltage
IWAKE = 1.0 mA
VWAKE(low)
0.2
0.4
V
WAKE
Voltage (11)
Maximum Voltage Applied to WAKE Through External Pull-Up
VWAKE(max)
40
V
Notes
10.
Upper and lower logic threshold voltage levels apply to SI, CS, and SCLK.
11.
This parameter is guaranteed by design however, is not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions of 3.0 V ≤ VDD ≤ 5.5 V, 8.0 V ≤ VPWR ≤ 28V, -40°C ≤ TC ≤ 125°C unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit


Podobny numer części - MC33975EK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC33975EK FREESCALE-MC33975EK Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975EKR2 FREESCALE-MC33975EKR2 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
More results

Podobny opis - MC33975EK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
CD1030 NXP-CD1030 Datasheet
1Mb / 67P
   33 channel multiple switch detection interface with programmable wetting current
Rev. 5.0, 7/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com