Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES35P16-75CG2T Arkusz danych(PDF) 4 Page - Excel Semiconductor Inc.

Numer części ES35P16-75CG2T
Szczegółowy opis  16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXCELSEMI [Excel Semiconductor Inc.]
Strona internetowa  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES35P16-75CG2T Arkusz danych(HTML) 4 Page - Excel Semiconductor Inc.

  ES35P16-75CG2T Datasheet HTML 1Page - Excel Semiconductor Inc. ES35P16-75CG2T Datasheet HTML 2Page - Excel Semiconductor Inc. ES35P16-75CG2T Datasheet HTML 3Page - Excel Semiconductor Inc. ES35P16-75CG2T Datasheet HTML 4Page - Excel Semiconductor Inc. ES35P16-75CG2T Datasheet HTML 5Page - Excel Semiconductor Inc. ES35P16-75CG2T Datasheet HTML 6Page - Excel Semiconductor Inc. ES35P16-75CG2T Datasheet HTML 7Page - Excel Semiconductor Inc. ES35P16-75CG2T Datasheet HTML 8Page - Excel Semiconductor Inc. ES35P16-75CG2T Datasheet HTML 9Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ES I
ES I
4
Rev. 0E May 11 , 2006
ES25P16
Excel Semiconductor inc.
ADVANCED INFORMATION
SIGNAL DESCRIPTION
Serial Data Output (SO)
This output signal is used to transfer data serially
out of the device. Data is shifted out on the falling
edge of Serial Clock (SCK).
Serial Data Input (SI)
This input signal is used to transfer data serially into
the device. It receives instructions, addresses, and
the data to be programmed. Values are latched on
the rising edge of Serial Clock (SCK).
Serial Clock (SCK)
This input signal provides the timing of the serial
interface. Instructions, addresses, and data present
at the Serial Data Input (SI) are latched on the ris-
ing edge of Serial Clock (SCK). Data on Serial Data
Output (SO) changes after the falling edge of Serial
Clock (SCK).
Chip Select (CS#)
When this input signal is high, the device is dese-
lected and Serial Data Output (SO) is at high
impedance. Unless an internal Program, Erase or
Write Status Register cycle is in progress, the
device will be in Standby mode. Driving Chip Select
(CS#) Low enables the device, placing it in the
active power mode.
After power-up, a falling edge on Chip Select (CS#)
is required prior to the start of any instruction.
Hold (HOLD#)
The Hold (HOLD#) signal is used to pause any
serial communications with the device without
deselecting the device.
During the Hold instruction, the Serial Data Output
(SO) is high impedance, and Serial Data Input (SI)
and Serial Clock (SCK) are Don’t Care.
To start the Hold condition, the device must be
selected, with Chip Select (CS#) driven Low.
Write Protect (W#)
The main purpose of this input signal is to freeze
the size of the area of memory that is protected
against program or erase instructions (as specified
by the values in the BP2, BP1 and BP0 bits of the
Status Register).
SPI MODES
These devices can be driven by a microcontroller
with its SPI peripheral running in either of the two fol-
lowing modes :
CPOL = 0, CPHA = 0
CPOL = 1, CPHA = 1
For these two modes, input data is latched in on the
rising edge of Serial Clock (SCK), and output data is
available from the falling edge of Serial Clock (SCK).
The difference between the two modes, as shown in
Figure 1, is the clock polarity when the bus master is
in Standby and not transferring data:
SCK remains at 0 for (CPOL = 0, CPHA = 0)
SCK remains at 1 for (CPOL = 1, CPHA = 1)
OPERATING FEATURES
All data into and out of the device is shifted in 8-bit
chunks.
Page Programming
To program one data byte, two instructions are
required : Write Enable (WREN), which is one byte,
and a Page Program (PP) sequence, which consists
of four bytes plus data. This is followed by the inter-
nal program cycle. To spread this overhead, the
Page Program (PP) instruction allows up to 256
bytes to be programmed at a time (changing bits
from 1 to 0), provided that they lie in consecutive
addresses on the same page of memory.
Sector Erase, or Bulk Erase
The Page Program (PP) instruction allows bits to be
programmed from 1 to 0. Before this can be applied,
the bytes of the memory need to be first erased to all
1’s (FFh) before any programming. This can be
achieved in two ways :1) a sector at a time using the
Sector Erase (SE) instruction, or 2) throughout the
entire memory, using the Bulk Erase (BE) instruc-
tion.


Podobny numer części - ES35P16-75CG2T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Excel Semiconductor Inc...
ES35P40-75CC2R EXCELSEMI-ES35P40-75CC2R Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P40-75CC2T EXCELSEMI-ES35P40-75CC2T Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P40-75CC2Y EXCELSEMI-ES35P40-75CC2Y Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P40-75CG2R EXCELSEMI-ES35P40-75CG2R Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P40-75CG2T EXCELSEMI-ES35P40-75CG2T Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
More results

Podobny opis - ES35P16-75CG2T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Excel Semiconductor Inc...
ES25P40 EXCELSEMI-ES25P40 Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80 EXCELSEMI-ES25P80 Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
logo
SPANSION
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
logo
Winbond
W19B160BT WINBOND-W19B160BT Datasheet
544Kb / 48P
   16Mbit, 2.7~3.6 volt CMOS flash memory
logo
SPANSION
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com