Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G1085T43T Arkusz danych(PDF) 3 Page - Global Mixed-mode Technology Inc

Numer części G1085T43T
Szczegółowy opis  3A Adjustable Low-Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GMT [Global Mixed-mode Technology Inc]
Strona internetowa  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1085T43T Arkusz danych(HTML) 3 Page - Global Mixed-mode Technology Inc

  G1085T43T Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1085T43T Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1085T43T Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1085T43T Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1085T43T Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1085T43T Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1085T43T Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1085T43T Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ver: 1.2
Sep 20, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G1085
Global Mixed-mode Technology Inc.
Definitions
Output Voltage
The G1085 provides an adjustable output voltage from
1.25V to 5V. with two external resistors. It can be for-
mulated as:
R2
VOUT = 1.25V x (1+
R1
) + I
ADJ x R2
IADJ = 80µA (TYP)
Dropout Voltage
The input/output Voltage differential at which the
regulator output no longer maintains regulation against
further reductions in input voltage. Measured when the
output drops 2% below its nominal value. Dropout
voltage is affected by junction temperature, load cur-
rent and minimum input supply requirements.
Line Regulation
The change in output voltage for a change in input
voltage. The measurement is made under conditions
of low dissipation or by using pulse techniques such
that average chip temperature is not significantly af-
fected.
Load Regulation
The change in output voltage for a change in load
current at constant chip temperature. The measure-
ment is made under conditions of low dissipation or by
using pulse techniques such that average chip tem-
perature is not significantly affected.
Maximum Power Dissipation
The maximum total device dissipation for which the
regulator will operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip
and is not delivered to the load.


Podobny numer części - G1085T43T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Global Mixed-mode Techn...
G1085-15T33T GMT-G1085-15T33T Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-15T53U GMT-G1085-15T53U Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-18T33T GMT-G1085-18T33T Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-18T53U GMT-G1085-18T53U Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-25T33T GMT-G1085-25T33T Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
More results

Podobny opis - G1085T43T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Avic Technology
AV1085 AVICTEK-AV1085 Datasheet
108Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
NIKO SEMICONDUCTOR CO.,...
L1085XG NIKOSEM-L1085XG Datasheet
137Kb / 8P
   3A Adjustable Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com