Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD125SB100A Arkusz danych(PDF) 1 Page - Sensitron

Numer części SD125SB100A
Szczegółowy opis  SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SENSITRON [Sensitron]
Strona internetowa  http://www.sensitron.com
Logo SENSITRON - Sensitron

SD125SB100A Arkusz danych(HTML) 1 Page - Sensitron

  SD125SB100A Datasheet HTML 1Page - Sensitron SD125SB100A Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 240, REV A
SILICON SCHOTTKY RECTIFIER DIE
Ultra Low Reverse Leakage
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Ultra low Reverse Leakage Current
Soft Reverse Recovery at Low and High Temperature2
Very Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Electrically / Mechanically Stable during and after packaging
Out Performs 100 Volt Ultrafast Rectifiers
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
100
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form
16
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
10 ms, Sine pulse
(1)
240
A
Non-Repetitive Avalanche
Energy
EAS
TJ = 25 °C, IAS = 0.6 A,
L = 30mH
8.8
mJ
Repetitive Avalanche
Current
IAR
IAS decay linearly to 0 in 1 µs
ƒ limited by TJ max VA=1.5VR
0.6
A
Max. Junction Temperature
TJ
-
-55 to +175
°C
Max. Storage Temperature
Tstg
-
-55 to +175
°C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 16A, Pulse, TJ = 25 °C
0.85
V
VF2
@ 16A, Pulse, TJ = 125 °C
0.69
V
Max. Reverse Current
IR1
@VR = 100V, Pulse,
TJ = 25 °C
10
µA
IR2
@VR = 100V, Pulse,
TJ = 125 °C
1.0
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
ISIG = 50mV (p-p)
500
pF
(1) in SHD package
SD125SB100A/B/C


Podobny numer części - SD125SB100A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
SD125SB45A SENSITRON-SD125SB45A Datasheet
188Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SB45B SENSITRON-SD125SB45B Datasheet
188Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SB45C SENSITRON-SD125SB45C Datasheet
188Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
More results

Podobny opis - SD125SB100A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
SD200SB100A SENSITRON-SD200SB100A Datasheet
61Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage
SD125SCU200A SENSITRON-SD125SCU200A Datasheet
185Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra-low Reverse Leakage
SD275SCU100A SENSITRON-SD275SCU100A Datasheet
46Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
SD200SC150A SENSITRON-SD200SC150A Datasheet
60Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126422 SENSITRON-SHD126422 Datasheet
86Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage
SD275SC150A SENSITRON-SD275SC150A Datasheet
184Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
SD125SCU100A SENSITRON-SD125SCU100A Datasheet
184Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
SD175SC150A SENSITRON-SD175SC150A Datasheet
84Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200C Operating Temperature
SHD124535 SENSITRON-SHD124535 Datasheet
57Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
SHD124236 SENSITRON-SHD124236 Datasheet
81Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com