Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD214C-T170CALF Arkusz danych(PDF) 1 Page - Bourns Electronic Solutions

Numer części CD214C-T170CALF
Szczegółowy opis  Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214C-T170CALF Arkusz danych(HTML) 1 Page - Bourns Electronic Solutions

  CD214C-T170CALF Datasheet HTML 1Page - Bourns Electronic Solutions CD214C-T170CALF Datasheet HTML 2Page - Bourns Electronic Solutions CD214C-T170CALF Datasheet HTML 3Page - Bourns Electronic Solutions CD214C-T170CALF Datasheet HTML 4Page - Bourns Electronic Solutions CD214C-T170CALF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CD214A Transient Voltage Suppressor Diode Series
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
Lead free versions available
RoHS compliant (lead free version)*
Surface Mount SMA package
Standoff Voltage: 5.0 to 170 volts
Power Dissipation: 400 watts
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly
smaller electronic components.
Bourns offers Transient Voltage Suppressor Diodes for surge and ESD protection applications, in compact chip package DO-214AC (SMA)
size format. The Transient Voltage Suppressor series offers a choice of Working Peak Reverse Voltage from 5 V up to 170 V and Breakdown
Voltage up to 200 V. Typical fast response times are less than 1.0 ns for unidirectional devices and less than 5.0 ns for bidirectional devices
from 0 V to Minimum Breakdown Voltage.
Bourns® Chip Diodes conform to JEDEC standards, are easy to handle with standard pick and place equipment and the flat configuration
minimizes roll away.
Parameter
Symbol
Value
Unit
Minimum Peak Pulse Power Dissipation (TP = 1 ms) (Note 1,2)
PPK
400
Watts
Peak Forward Surge Current
8.3ms Single Half Sine Wave Superimposed on Rated Load
IFSM
40
Amps
(JEDEC Method) (Note 3)
Steady State Power Dissipation @ TL = 75 °C
PM(AV)
1.0
Watts
Maximum Instantaneous Forward Voltage @ IPP = 35 A
VF
3.5
Volts
(For Unidirectional Units Only)
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +175
°C
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
How To Order
CD 214A - T 5.0 CA __
Common Code
Chip Diode
Package
214A = SMA/DO-214AC
214B = SMB/DO-214AA
214C = SMC/DO-214AB
Model
T = Transient Voltage Suppressor Series
Working Peak Reverse Voltage
5.0 = 5.0 VRWM (Volts)
170 = 170 VRWM (Volts)
Suffix
A = 5 % Tolerance Device
CA = 5 % Tolerance Bidirectional Device
Terminations
LF = 100 % Sn (lead free)
Blank = Sn/Pb
Reliable Electronic Solutions
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
1. Non-repetitive current pulse, per Pulse Waveform graph and derated above TA = 25 °C per Pulse Derating Curve.
2. Thermal Resistance Junction to Lead.
3. 8.3 ms Single Half-Sine Wave duty cycle = 4 pulses maximum per minute (unidirectional units only).
4. Single Phase, Half Wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20 %.
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex


Podobny numer części - CD214C-T170CALF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CD214C-T170CALF BOURNS-CD214C-T170CALF Datasheet
225Kb / 5P
   CD214B Transient Voltage Suppressor Diode Series
CD214C-T170CALF BOURNS-CD214C-T170CALF Datasheet
224Kb / 5P
   CD214C Transient Voltage Suppressor Diode Series
CD214C-T170CALF BOURNS-CD214C-T170CALF Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C-T170CALF BOURNS-CD214C-T170CALF Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C-T170CALF BOURNS-CD214C-T170CALF Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
More results

Podobny opis - CD214C-T170CALF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
   Transient Voltage Suppressor Diode Series
5.0SMDJ-Q BOURNS-5.0SMDJ-Q Datasheet
536Kb / 6P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com