Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD275SE30A Arkusz danych(PDF) 3 Page - Sensitron

Numer części SD275SE30A
Szczegółowy opis  SILICON SCHOTTKY RECTIFIER DIE Ultra Low Forward Voltage Drop Typical Voltage Drop 0.30V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SENSITRON [Sensitron]
Strona internetowa  http://www.sensitron.com
Logo SENSITRON - Sensitron

SD275SE30A Arkusz danych(HTML) 3 Page - Sensitron

  SD275SE30A Datasheet HTML 1Page - Sensitron SD275SE30A Datasheet HTML 2Page - Sensitron SD275SE30A Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 4142, Rev A
Mechanical Dimensions: In Inches / mm
SD275SE30A/B/C
A
B
D
H
h
0.275±0.003
0.267±0.003
0.220±0.005
0.0155±0.001
0.011±0.002
DISCLAIMER:
1- The information given herein, including the specifications and dimensions, is subject to change without prior notice to improve product
characteristics. Before ordering, purchasers are advised to contact the Sensitron Semiconductor sales department for the latest version of the
datasheet(s).
2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation, traffic equipment, medical
equipment , and safety equipment) , safety should be ensured by using semiconductor devices that feature assured safety or by means of users’
fail-safe precautions or other arrangement .
3- In no event shall Sensitron Semiconductor be liable for any damages that may result from an accident or any other cause during operation of
the user’s units according to the datasheet(s). Sensitron Semiconductor assumes no responsibility for any intellectual property claims or any
other problems that may result from applications of information, products or circuits described in the datasheets.
4- In no event shall Sensitron Semiconductor be liable for any failure in a semiconductor device or any secondary damage resulting from use at
a value exceeding the absolute maximum rating.
5- No license is granted by the datasheet(s) under any patents or other rights of any third party or Sensitron Semiconductor.
6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed written permission of Sensitron
Semiconductor.
7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their application will hinder
maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or any third party. When
exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws and regulations.
Top side(Anode) metallization:
A = Al - 25 kÅ minimum, Figure 1
B = Ag - 30 kÅ minimum, Figure 1
C = Au - 12 kÅ min, Figure 2
Bottom side (Cathode) metallization:
A, B, C = Ti/Ni/Ag - 30 kÅ minimum.
Figure 1
Figure 2
D
h
H
B A
Schottky Chip
Moly Attached
Schottky Die


Podobny numer części - SD275SE30A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
SD275SA30A SENSITRON-SD275SA30A Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD275SA30B SENSITRON-SD275SA30B Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD275SA30C SENSITRON-SD275SA30C Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD275SA45A SENSITRON-SD275SA45A Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD275SA45B SENSITRON-SD275SA45B Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
More results

Podobny opis - SD275SE30A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
SD040SB100A SENSITRON-SD040SB100A Datasheet
143Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Low Forward Voltage Drop
SD125SD15A SENSITRON-SD125SD15A Datasheet
187Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD060SD15A SENSITRON-SD060SD15A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD125SB45A SENSITRON-SD125SB45A Datasheet
188Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SC150A SENSITRON-SD125SC150A Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SE45A SENSITRON-SD125SE45A Datasheet
187Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD175SA30A SENSITRON-SD175SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SE30A SENSITRON-SD125SE30A Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD175SD15A SENSITRON-SD175SD15A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD275SA30A SENSITRON-SD275SA30A Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com