1 / 3 page
221 West Industry Court 3 Deer Park, NY 11729-4681 3 (631) 586-7600 FAX (631) 242-9798
World Wide Web Site - http://www.sensitron.com E-Mail Address - sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 242, REV -
SILICON SCHOTTKY RECTIFIER DIE
Ultra Low Reverse Leakage
Applications:
Switching Power Supply Converters Free-Wheeling Diodes Polarity Protection Diode
Features:
Ultra low Reverse Leakage Current
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Electrically / Mechanically Stable during and after packaging
Out Performs 100 Volt Ultrafast Rectifiers
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
100
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form
60
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
10 ms, Sine pulse (1)
720
A
Non-Repetitive Avalanche
Energy
EAS
TJ = 25
C, I
AS = 1 A,
L = 30mH
15
mJ
Repetitive Avalanche
Current
IAR
IAS decay linearly to 0 in 1
ms
limited by T
J max VA=1.5VR
1
A
Max. Junction Temperature
TJ
-
-55 to +175
C
Max. Storage Temperature
Tstg
-
-55 to +175
C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 60A, Pulse, TJ = 25
C
0.87
V
VF2
@ 60A, Pulse, TJ = 125
C
0.72
V
Max. Reverse Current
IR1
@VR = 100V, Pulse,
TJ = 25
C
30
mA
IR2
@VR = 100V, Pulse,
TJ = 125
C
3.0
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25
C
fSIG = 1MHz,
ISIG = 50mV (p-p)
1500
pF
(1) in SHD package
SD200SB100A/B/C