Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-932 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części ADS-932
Szczegółowy opis  16-Bit, 2MHz Sampling A/D Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

ADS-932 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  ADS-932 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-932 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-932 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-932 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-932 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-932 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-932 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-932 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADS-932 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ADS-932
®
®
2
+25°C
0 to +70°C
–55 to +125°C
ANALOG INPUTS
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
Input Voltage Ranges
Unipolar
0 to –5.5
0 to –5.5
0 to –5.5
Volts
Bipolar
±2.75
±2.75
±2.75
Volts
Input Resistance (pin 3)
655
687
685
685
Input Resistance (pin 2)
418
426
400
400
Input Capacitance
10
15
10
15
10
15
pF
DIGITAL INPUTS
Logic Levels
Logic "1"
+2.0
+2.0
+2.0
Volts
Logic "0"
+0.8
+0.8
+0.8
Volts
Logic Loading "1"
+20
+20
+20
µA
Logic Loading "0" 
–20
–20
–20
µA
Start Convert Positive Pulse Width Ž
40
250
40
250
40
250
ns
STATIC PERFORMANCE
Resolution
16
16
16
Bits
Integral Nonlinearity
±1
±1.5
±2
LSB
Differential Nonlinearity (fin = 10kHz)
–0.95
±0.5
+1.0
–0.95
±0.5
+1.0
–0.95
±0.5
+1.5
LSB
Full Scale Absolute Accuracy
±0.1
±0.3
±0.15
±0.5
±0.5
±0.8
%FSR
Bipolar Zero Error (Tech Note 2)
±0.1
±0.2
±0.2
±0.4
±0.5
±0.9
%FSR
Bipolar Offset Error (Tech Note 2)
±0.1
±0.3
±0.2
±0.5
±0.4
±0.9
%FSR
Gain Error (Tech Note 2)
±0.1
±0.3
±0.15
±0.5
±0.5
±0.9
%
No Missing Codes (fin = 10kHz)
16
16
16
Bits
DYNAMIC PERFORMANCE
Peak Harmonics (–0.5dB)
dc to 500kHz
–90
–81
–90
–81
–88
–80
dB
500kHz to 1MHz
–90
–81
–90
–81
–88
–80
dB
Total Harmonic Distortion (–0.5dB)
dc to 500kHz
–88
–80
–88
–80
–85
–78
dB
500kHz to 1MHz
–87
–80
–87
–80
–84
–77
dB
Signal-to-Noise Ratio
(w/o distortion, –0.5dB)
dc to 500kHz
83
87
83
87
80
85
dB
500kHz to 1MHz
82
86
82
86
80
84
dB
Signal-to-Noise Ratio 
(& distortion, –0.5dB)
dc to 500kHz
79
84
79
84
76
82
dB
500kHz to 1MHz
78
84
78
84
76
82
dB
Noise
83
83
83
µVrms
Two-Tone Intermodulation
Distortion (fin = 200kHz,
240kHz, fs = 2MHz, –0.5dB)
–89
–89
–89
dB
Input Bandwidth (–3dB)
Small Signal (–20dB input)
7.8
7.8
7.8
MHz
Large Signal (–0.5dB input)
7.1
7.1
7.1
MHz
Feedthrough Rejection
(fin = 1MHz)
90
90
90
dB
Slew Rate
±77
±77
±77
V/µs
Aperture Delay Time
+8
+8
+8
ns
Aperture Uncertainty
5
5
5
ps rms
S/H Acquisition Time
( to ±0.001%FSR, 5.5V step)
200
225
200
225
200
225
ns
PARAMETERS
MIN.
TYP.
MAX.
UNITS
Operating Temp. Range, Case
ADS-932MC
0
+70
°C
ADS-932MM
–55
+125
°C
Thermal Impedance
θjc
4
°C/Watt
θca
18
°C/Watt
Storage Temperature Range
–65
+150
°C
Package Type
40-pin, metal-sealed, ceramic TDIP
Weight
0.56 ounces (16 grams)
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
+5V Supply (Pins 31, 38)
0 to +6
Volts
–5V Supply (Pin 37)
0 to –6
Volts
Digital Inputs (Pins 8, 9, 12, 34, 35)
–0.3 to +VDD +0.3
Volts
Analog Input (Pin 3)
Volts
Bipolar
±5
Volts
Unipolar
–10 to +5
Volts
Lead Temperature (10 seconds)
+300
°C
PHYSICAL/ENVIRONMENTAL
FUNCTIONAL SPECIFICATIONS
(TA = +25°C, ±VCC = ±5V, +VDD = +5V, 2MHz sampling rate, and a minimum 3 minute warm-up Œ unless otherwise specified.)


Podobny numer części - ADS-932

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Power Solutions ...
ADS-932 MURATA-PS-ADS-932 Datasheet
166Kb / 11P
   16-Bit, 2MHz Sampling A/D Converters
ADS-932MC MURATA-PS-ADS-932MC Datasheet
166Kb / 11P
   16-Bit, 2MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-932MC DATEL-ADS-932MC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-932MC-C DATEL-ADS-932MC-C Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-932ME DATEL-ADS-932ME Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Podobny opis - ADS-932

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Power Solutions ...
ADS-932 MURATA-PS-ADS-932 Datasheet
166Kb / 11P
   16-Bit, 2MHz Sampling A/D Converters
ADS-942 MURATA-PS-ADS-942 Datasheet
79Kb / 6P
   14-Bit, 2MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-117 ETC-ADS-117 Datasheet
165Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS929 ETC-ADS929 Datasheet
190Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-919 MURATA-PS-ADS-919 Datasheet
187Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-929 MURATA-PS-ADS-929 Datasheet
192Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-942A ETC1-ADS-942A Datasheet
76Kb / 6P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-117 MURATA-PS-ADS-117 Datasheet
153Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-933 ETC-ADS-933 Datasheet
132Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com