Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC35C25 Arkusz danych(PDF) 2 Page - TelCom Semiconductor, Inc

Numer części TC35C25
Szczegółowy opis  BICMOS PWM CONTROLLERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TELCOM [TelCom Semiconductor, Inc]
Strona internetowa  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC35C25 Arkusz danych(HTML) 2 Page - TelCom Semiconductor, Inc

  TC35C25 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC35C25 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC35C25 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC35C25 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC35C25 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC35C25 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC35C25 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-112
TELCOM SEMICONDUCTOR, INC.
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for – 40
°C < TA <
+85
°C for the TC25C25Exx; and 0°C <TA < +70°C for the TC35C25Cxx;
VIN and VDD = 16V; RT = 3.7kΩ; CT = 1000pF; RD = 760Ω.
Parameter
Test Conditions
Min
Typ
Max
Units
Reference Section
Output Voltage
TJ = 25°C, IO = 1mA
3.9
4
4.1
V
Line Regulation
VIN = 8V to 18V
±4
±10
mV
Load Regulation
II = 1mA to mA
±4
±15
mV
Temp Coefficient
Note 1
±0.01
±0.4
mV/
°C
VREF
Worst Case
3.85
4
4.15
V
Long Term Drift
TJ = 25°C, (Note 1)
±50
mV/1000Hrs
Short Circuit
VREF to GND
20
40
70
mA
Output Noise
TJ = 25°C, 10 Hz ≤ f ≥ 10 kHz, (Note 1)
21
µV(rms)
Oscillator Section
Initial Accuracy
TJ = 25°C, at 97 kHz
±2
±3%
Voltage Coefficient
VIN = 8V to 18V
±0.01
±0.1
%/V
Temp Coefficient
Note 1
±0.025
±0.06
%/
°C
OSC Ramp Amplitude
2.9
3.2
3.4
V
Reset Switch RDS (ON)
TJ = 25°C30
50
60
Clock Amplitude
fosc = 100kHz, RL = 1MΩ, (Note 1)
4.9
5.5
6.7
V
Clock Min Width
TJ = 25°C, RD = 0Ω, (Note 1)
170
200
nsec
CT = 100pF, RT = 1Ω
Sync Threshold
RT Pin Tied to VREF, CT Pin at GND
1.8
2.2
2.8
V
Sync Input Current
Sync Voltage = 4V, V(RT) = 4V
±1
µA
Min Sync Pulse Width
TJ = 25°C, Sync Amplitude = 5V, (Note 1)
130
175
nsec
Max OSC Freq
RT = 1Ω, CT = 100pF, RD = 0Ω, (Note 1)
1.0
MHz
Error Amplifier Section (VCM = 2.5V)
Input Offset Voltage
±5
±15
mV
Input Bias Current
TJ = 25°C—
±50
±200
pA
Input Offset Current
TJ = 25°C—
±25
±100
pA
DC Open Loop Gain
RL = 100kΩ
70
85
dB
Gain Bandwidth Product
Note 1
0.7
0.9
1.2
MHz
Output Low Level
RL = 100kΩ (N Channel)
10
20
mV
Output High Level
RL = 100kΩ (NPN)
4.9
5.4
5.9
V
CMRR
VCM = 0.5 to 4.7V
60
75
dB
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ............................................................ 18V
Maximum Chip Temperature ................................... 150
°C
Storage Temperature ............................ – 65
°C to +150°C
Lead Temperature (10 sec) ..................................... 300
°C
Package Thermal Resistance
PDIP RθJ-A ..................................................................... 125°C/W
PDIP RθJ-C ........................................................................ 45°C/W
SOIC RθJ-A ..................................................................... 250°C/W
SOIC RθJ-A ........................................................................ 75°C/W
Operating Temperature
25C2x ........................................ – 40
°C ≤ TA ≤ +85°C
35C2x ............................................. 0
°C ≤ TA ≤ +70°C
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
BICMOS PWM CONTROLLERS
TC25C25
TC35C25


Podobny numer części - TC35C25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Won-Top Electronics
TC3500 WTE-TC3500 Datasheet
23Kb / 2P
   35A 5/16 TIN CAN TYPE PRESS-FIT DIODE
TC3500 WTE-TC3500 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC3500 WTE-TC3500 Datasheet
32Kb / 2P
   35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
logo
Lite-On Technology Corp...
TC3500H LITEON-TC3500H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Won-Top Electronics
TC3500 WTE-TC3500_06 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
More results

Podobny opis - TC35C25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
List of Unclassifed Man...
SG3842G ETC-SG3842G Datasheet
394Kb / 19P
   BiCMOS Green-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com