Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPC8009-H Arkusz danych(PDF) 6 Page - Toshiba Semiconductor

Numer części TPC8009-H
Szczegółowy opis  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8009-H Arkusz danych(HTML) 6 Page - Toshiba Semiconductor

  TPC8009-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8009-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8009-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8009-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8009-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8009-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8009-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPC8009-H
2002-01-17
6
rth - tw
Safe Operating Area
Pulse width tw (s)
Drain-source voltage VDS (V)
0.01
0.01
0.1
1
10
100
0.1
1
10
100
*: Single pulse
Ta
= 25°C
Curves must be derated
linearly with increase in
temperature.
ID max (pulse)*
10 ms*
1 ms*
VDSS max
0.1
0.001
0.01
0.1
10
100
1000
1
100
1000
Single pulse
1
(2)
10
(1) Device mounted on a glass-epoxy board
(a) (Note 2a)
(2) Device mounted on a glass-epoxy board
(b) (Note 2b)
t
= 10 s
(1)


Podobny numer części - TPC8009-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPC8009-H TOSHIBA-TPC8009-H_06 Datasheet
226Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
More results

Podobny opis - TPC8009-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPC8010-H TOSHIBA-TPC8010-H Datasheet
342Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8209 TOSHIBA-TPCS8209 Datasheet
362Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCP8001-H TOSHIBA-TPCP8001-H Datasheet
249Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCS8211 TOSHIBA-TPCS8211 Datasheet
224Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8208 TOSHIBA-TPC8208 Datasheet
226Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8204 TOSHIBA-TPCS8204 Datasheet
304Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6005 TOSHIBA-TPC6005 Datasheet
188Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8207 TOSHIBA-TPC8207 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com