Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

STAC9460 Arkusz danych(PDF) 12 Page - List of Unclassifed Manufacturers

Numer części STAC9460
Szczegółowy opis  Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9460 Arkusz danych(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button STAC9460 Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 9Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 10Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 11Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 12Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 13Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 14Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 15Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
2-9460-D1-1-0-0801
STAC9460/62
Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
PRELIMINARY
INFORMATION
8/2 4 /0 1
PARAMETER
SYMBOL
MIN
MAX
UNITS
I2C Mode (SDOUT < 47 k
Ω to ground) (Note 1)
SCL Clock Frequency
fscl
-
100
KHz
Buss Free Time Between Transmissions
tbuf
4700
-
ns
Start Condition Hold Time (prior to first clock pulse)
thdst
4000
-
ns
Clock Low Time
tlow
4700
-
ns
Clock High Time
thigh
4000
-
ns
Setup Time for Repeated Start
tsust
4700
-
ns
SDA Hold Time from SCL Falling (Note 2)
thdd
300
-
ns
SDA Setup Time to SCL Rising
tsud
250
-
ns
Rise Time of Both SDA and SCL Lines
tr
-
1000
ns
Fall Time of Both SDA and SCL Lines
tf
-
300
ns
Setup Time for Stop Condition
tsusp
100
4700
ns
Note:
1.
I2C is a registered trademark of Philips Semiconductor and requires a license for use.
2.
Data must be held for sufficient time to bridge the 300 ns transition time of SCL
Table 3. I2C Mode Specifications


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn