Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STAC9460 Arkusz danych(PDF) 16 Page - List of Unclassifed Manufacturers

Numer części STAC9460
Szczegółowy opis  Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9460 Arkusz danych(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button STAC9460 Datasheet HTML 12Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 13Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 14Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 15Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 16Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 17Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 18Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 19Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
2-9460-D1-1-0-0801
STAC9460/62
Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
PRELIMINARY
INFORMATION
8/2 4 /0 1
7.1.7.
General Purpose Register (0Dh)
The MSB (MD) selects between the MIC inputs and the DIFF inputs being routed to
the ADCs. Bit D6 (HPFD) disables the ADC pass filter capability. The ADC High
Pass FIlter Freeze, bit D4, maintains the high pass filter output’s current DC offset
7.1.8.
Audio Port Control (0Eh)
The I2S port is controlled via the bits contained in this register. Formatting is con-
trolled by the Audio Data Format bits, ADF4..ADF0 (bits D4 .. D0) of the register.
The audio formats available are standard I2S, Left Justified, Right Justified (16, 20,
or 24-Bit) and One Line.
HPFF
FUNCTION
0
ADC High Pass Filter Not-Frozen
1
ADC High Pass Filter Frozen
Table 12. Bit D4: HPFD
MD
FUNCTION
0
Differential Input Selected
1
Microphone Selected
Table 13. Bit D5 Microphone Differential Mux By-Pass Control
HPFD
FUNCTION
0
ADC High Pass Filter Enabled
1
ADC High Pass Filter Disabled
Table 14. Bit D6 ADC High Pass Filter Disable
ADF4 .. ADF0
D4..D0
AUDIO DATA FORMAT
00000
I2S
00001
Left Justified
00010
16 bit Right Justified
01010
20 bit Right Justified
10010
24 bit Right Justified
00011
One Line
*
All settings not shown are Reserved
Table 15. Audio Data Format Selection


Podobny numer części - STAC9460

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
logo
Integrated Device Techn...
STAC9200D3NAE IDT-STAC9200D3NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3TAE IDT-STAC9200D3TAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5NAE IDT-STAC9200D5NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Podobny opis - STAC9460

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com