Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

STAC9460 Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części STAC9460
Szczegółowy opis  Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9460 Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  STAC9460 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
2-9460-D1-1-0-0801
5
STAC9460/62
Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
PRELIMINARY
INFORMATION
8/2 4 /0 1
2.2.
Ordering Information
Note: SigmaTel reserves the right to change specifications without notice.
2.3.
Block Diagram
2.4.
Related Materials
Product Brief
Evaluation Boards
Reference Designs
2.5.
Additional Support
Additional product and company information can be obtained by going to the
SigmaTel website at: www.sigmatel.com
PART NUMBER
CHANNELS
PACKAGE
TEMPERATURE RANGE
SUPPLY RANGE
STAC9460S
6 DAC; 2 ADC
28-pin SSOP
0 oC to +70 ºC
AVdd = 5V, DVdd = 3.3V or 5V
STAC9462S
2 DAC; 2 ADC
28-pin SSOP
0 oC to +70 ºC
AVdd = 5V, DVdd = 3.3V or 5V
STEECBAC9460B (Evaluation Board): please send email request to apps@sigmatel.com
Figure 1. STAC9460 Block Diagram
I2C® Port
DSP
ADC
ADC
MUX
I2S
Port
DAC
DAC
DAC
DAC
DAC
DAC
SDATA_OUT
MIC_R
D_LRCLK
D_SCLK
SDI3
SDI2
SDI1
DIFF_R
DIFF_GND
DIFF_L
MIC_L
SDATA
SCLK
DAC_RF
DAC_LF
DAC_LR
DAC_RR
DAC_CTR
DAC_BASS
RESET
CS
MCLK
CAP
DVdd
DVss
VREF
AVdd AVss
VOLUME
VOLUME
VOLUME
VOLUME
VOLUME
VOLUME
VOLUME
VOLUME


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn