Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

STAC9460 Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części STAC9460
Szczegółowy opis  Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9460 Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STAC9460 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 9Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
2-9460-D1-1-0-0801
STAC9460/62
Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
PRELIMINARY
INFORMATION
8/2 4 /0 1
3. CHARACTERISTICS AND SPECIFICATIONS
3.1.
Absolute Maximum Ratings
3.2.
Recommended Operating Conditions
3.3.
Power Consumption
3.4.
Static Digital Specifications
(Tambient = 25
oC, DVdd = 5.0 V or 3.3 V ± 5%, AVss=DVss=0 V;
50pF external load)
Voltage on any pin relative to Ground
Vss - 0.3 V TO Vdd + 0.3 V
Operating Temperature
0 ºC TO 70 ºC
Storage Temperature
-55 oC TO +125 ºC
Soldering Temperature
260 ºC FOR 10 SECONDS
Output Current per Pin
± 4 mA
PARAMETER
MIN
TYP
MAX
UNITS
Power Supplies
+ 3.3 V Digital
+ 5 V Digital
+ 5 V Analog
3.135
4.75
4.75
3.3
5
5
3.435
5.25
5.25
V
V
V
Ambient Temperature
0
-
70
ºC
PARAMETER
MIN
TYP
MAX
UNITS
Digital Supply Current
+ 5 V Digital
+ 3.3 V Digital
-
-
50
30
-
-
mA
mA
Analog Supply Current
+ 5 V Analog
-
70
-
mA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Voltage Range
Vin
-0.30
DVdd + 0.30
V
Low level input range
Vil
-
-
0.30xDVdd
V
High level input voltage
Vih
0.65xDVdd
-
-
V
High level output voltage
Voh
0.90xDVdd
-
-
V
Low level output voltage
Vol
-
-
0.2xDVdd
V
Input Leakage Current (Digital inputs)
-
-10
-
10
uA
Output Leakage Current (Digital outputs)
-
-10
-
10
uA
Output buffer drive current
-
-
4
-
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn