Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STD2040PL Arkusz danych(PDF) 4 Page - SamHop Microelectronics Corp.

Numer części STD2040PL
Szczegółowy opis  P-Channel E nhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD2040PL Arkusz danych(HTML) 4 Page - SamHop Microelectronics Corp.

  STD2040PL Datasheet HTML 1Page - SamHop Microelectronics Corp. STD2040PL Datasheet HTML 2Page - SamHop Microelectronics Corp. STD2040PL Datasheet HTML 3Page - SamHop Microelectronics Corp. STD2040PL Datasheet HTML 4Page - SamHop Microelectronics Corp. STD2040PL Datasheet HTML 5Page - SamHop Microelectronics Corp. STD2040PL Datasheet HTML 6Page - SamHop Microelectronics Corp. STD2040PL Datasheet HTML 7Page - SamHop Microelectronics Corp. STD2040PL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
F igure 5. G ate T hres hold V ariation
with T emperature
F igure 6. B reakdown V oltage V ariation
with T emperature
F igure 7. T rans conductance V ariation
with Drain C urrent
-IDS , Drain-S ource C urrent (A)
F igure 9. G ate C harge
Qg, T otal G ate C harge (nC )
F igure 10. Maximum S afe
O perating Area
-V DS , Drain-S ource V oltage (V )
F igure 8. B ody Diode F orward V oltage
V ariation with S ource C urrent
-V S D, B ody Diode F orward V oltage (V )
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
15
12
9
6
18
0
0
5
10
15
20
25
3
V DS =-10V
10
1
0.4
0.6
0.8
1.0
1.2
1.4
8
10
6
4
2
0
0
3
6
9
12
15 18
21 24
VDS=-24V
ID=-16A
T J=25 C
90
50
10
1
0.03
0.1
1
10
40 60
R D
S (
ON
) L
im
it
10m
s
100
ms
1s
DC
VGS=-10V
S ingle P ulse
Tc=25 C
4
-50 -25
0
25
50
75 100 125
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=-250uA
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-50 -25
0
25
50
75 100 125
V DS =V GS
ID=-250uA
S T U/D2040P L
20


Podobny numer części - STD2040PL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sangdest Microelectroni...
STD2045 SMC-STD2045 Datasheet
159Kb / 7P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STD2045 SMCDIODE-STD2045 Datasheet
441Kb / 7P
   SCHOTTKY RECTIFIER
Rev. B
logo
Sangdest Microelectroni...
STD2045C SMC-STD2045C Datasheet
189Kb / 7P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STD2045C SMCDIODE-STD2045C Datasheet
453Kb / 7P
   SCHOTTKY RECTIFIER
Rev. B
More results

Podobny opis - STD2040PL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
STM4439 SAMHOP-STM4439 Datasheet
883Kb / 7P
   P -Channel E nhancement Mode MOSFET
SDM9433 SAMHOP-SDM9433 Datasheet
306Kb / 5P
   P -Channel E nhancement Mode MOSFET
STM6375 SAMHOP-STM6375 Datasheet
650Kb / 7P
   P-Channel E nhancement Mode MOSFET
STU1030PL SAMHOP-STU1030PL Datasheet
876Kb / 8P
   P-Channel E nhancement Mode MOSFET
STU1530PL SAMHOP-STU1530PL Datasheet
851Kb / 8P
   P-Channel E nhancement Mode MOSFET
STS3401 SAMHOP-STS3401 Datasheet
680Kb / 7P
   P-Channel E nhancement Mode MOSFET
STM4433 SAMHOP-STM4433 Datasheet
658Kb / 7P
   P-Channel E nhancement Mode MOSFET
SDM4435 SAMHOP-SDM4435 Datasheet
550Kb / 7P
   P-Channel E nhancement Mode MOSFET
STS3403 SAMHOP-STS3403 Datasheet
700Kb / 7P
   P-Channel E nhancement Mode MOSFET
SDM9435A SAMHOP-SDM9435A Datasheet
359Kb / 5P
   P -Channel E nhancement Mode MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com