Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STU3055NL Arkusz danych(PDF) 3 Page - SamHop Microelectronics Corp.

Numer części STU3055NL
Szczegółowy opis  N-Channel E nhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU3055NL Arkusz danych(HTML) 3 Page - SamHop Microelectronics Corp.

  STU3055NL Datasheet HTML 1Page - SamHop Microelectronics Corp. STU3055NL Datasheet HTML 2Page - SamHop Microelectronics Corp. STU3055NL Datasheet HTML 3Page - SamHop Microelectronics Corp. STU3055NL Datasheet HTML 4Page - SamHop Microelectronics Corp. STU3055NL Datasheet HTML 5Page - SamHop Microelectronics Corp. STU3055NL Datasheet HTML 6Page - SamHop Microelectronics Corp. STU3055NL Datasheet HTML 7Page - SamHop Microelectronics Corp. STU3055NL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
S T U/D3055NL
Parameter
S ymbol
Condition
Min Typ Max Unit
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS
Diode Forward Voltage
VSD
VGS = 0V, Is =10A
1
1.3
V
b
C
Notes
c.Guaranteed by design, not subject to production testing.
b.Pulse Test:Pulse Width 300us, Duty Cycle 2%.
F igure 1. Output C haracteristics
F igure 2. Transfer C haracteristics
F igure 4. On-R esistance Variation with
Temperature
F igure 3. C apacitance
V DS , Drain-to S ource Voltage (V )
V GS , G ate-to-S ource Voltage (V )
V DS , Drain-to-S ource Voltage (V )
a.Surface Mounted on FR 4 Board, t 10sec.
5
0
4
8
12
16
20
24
C iss
C oss
1000
800
600
400
200
0
20
16
12
8
4
0
0
2
4
6
8
10
12
V GS =10,9,8,7,6,5,4V
V GS =1V
25
20
15
10
5
0
0.0
0.5
1
1.5
2
2.5
3
T j=125 C
3
2.2
1.8
1.4
1.0
0.6
0.2
0
-50
0
50
100
125
T j( C )
-25
25
75
V GS =10V
ID=6A
C rss
-55 C
V GS =2V
V GS =3V
25 C


Podobny numer części - STU3055NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
STU3055L SAMHOP-STU3055L Datasheet
765Kb / 8P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU3055L2 SAMHOP-STU3055L2 Datasheet
722Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU3055L2-60 SAMHOP-STU3055L2-60 Datasheet
853Kb / 8P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Podobny opis - STU3055NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
SDM4800 SAMHOP-SDM4800 Datasheet
649Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STM7096N SAMHOP-STM7096N Datasheet
701Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2300S SAMHOP-STS2300S Datasheet
820Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2306 SAMHOP-STS2306 Datasheet
646Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
SDU30N02 SAMHOP-SDU30N02 Datasheet
864Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
SDU3055L2 SAMHOP-SDU3055L2 Datasheet
859Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STU4530NL SAMHOP-STU4530NL Datasheet
770Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STC2200 SAMHOP-STC2200 Datasheet
712Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STM9410A SAMHOP-STM9410A Datasheet
729Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STS2302S SAMHOP-STS2302S Datasheet
806Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS3402 SAMHOP-STS3402 Datasheet
718Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com