Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STD9410 Arkusz danych(PDF) 1 Page - SamHop Microelectronics Corp.

Numer części STD9410
Szczegółowy opis  N-Channel E nhancement Mode F ield E ffect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD9410 Arkusz danych(HTML) 1 Page - SamHop Microelectronics Corp.

  STD9410 Datasheet HTML 1Page - SamHop Microelectronics Corp. STD9410 Datasheet HTML 2Page - SamHop Microelectronics Corp. STD9410 Datasheet HTML 3Page - SamHop Microelectronics Corp. STD9410 Datasheet HTML 4Page - SamHop Microelectronics Corp. STD9410 Datasheet HTML 5Page - SamHop Microelectronics Corp. STD9410 Datasheet HTML 6Page - SamHop Microelectronics Corp. STD9410 Datasheet HTML 7Page - SamHop Microelectronics Corp. STD9410 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N-Channel E nhancement Mode Field E ffect Transistor
TO-252 and TO-251 Package.
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
S amHop Microelectronics C orp.
P reliminary May.28 2004
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W ) Max
30V
24A
32 @ V GS = 10V
57 @ V GS = 4.5V
F E AT UR E S
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
S
G
D
S DU S E R IE S
TO-252AA(D-PAK)
S DD S E R IE S
TO-251(l-PAK)
G
G
S
S
D
D
S T U/D9410
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Case
Thermal R esistance, Junction-to-Ambient
R JC
3
50
R JA
/W
C
/W
C
30
Parameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
V
-Pulsed
24
ID
A
60
IDM
A
Drain-S ource Diode Forward Current
20
IS
A
Maximum Power Dissipation
PD
W
Operating and S torage Temperature R ange
TJ, TS TG
-55 to 175
@ Tc=25 C
C
Drain Current-Continuous
@ TJ=125 C
a
20
1
50


Podobny numer części - STD9410

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
STD9410 VBSEMI-STD9410 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Podobny opis - STD9410

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
SDM9410 SAMHOP-SDM9410 Datasheet
420Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDU9916 SAMHOP-SDU9916 Datasheet
424Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
STU4525NL SAMHOP-STU4525NL Datasheet
889Kb / 8P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDM4410 SAMHOP-SDM4410_09 Datasheet
131Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDM4410 SAMHOP-SDM4410 Datasheet
386Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
STM4884A SAMHOP-STM4884A Datasheet
697Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
STU600S SAMHOP-STU600S Datasheet
856Kb / 8P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDM40N02 SAMHOP-SDM40N02 Datasheet
664Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDM4884 SAMHOP-SDM4884 Datasheet
690Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
STM7822 SAMHOP-STM7822 Datasheet
680Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com