Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT7468 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADT7468
Szczegółowy opis  dBCool??Remote Thermal Controller and Voltage Monitor
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADT7468 Arkusz danych(HTML) 1 Page - Analog Devices

  ADT7468 Datasheet HTML 1Page - Analog Devices ADT7468 Datasheet HTML 2Page - Analog Devices ADT7468 Datasheet HTML 3Page - Analog Devices ADT7468 Datasheet HTML 4Page - Analog Devices ADT7468 Datasheet HTML 5Page - Analog Devices ADT7468 Datasheet HTML 6Page - Analog Devices ADT7468 Datasheet HTML 7Page - Analog Devices ADT7468 Datasheet HTML 8Page - Analog Devices ADT7468 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
dBCoolRemote Thermal
Controller and Voltage Monitor
ADT7468
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Monitors up to 5 voltages
Controls and monitors up to 4 fans
High and low frequency fan drive signal
1 on-chip and 2 remote temperature sensors
Series resistance cancellation on the remote channel
Extended temperature measurement range, up to 191°C
Dynamic TMIN control mode optimizes system acoustics
intelligently
Automatic fan speed control mode controls system
cooling based on measured temperature
Enhanced acoustic mode dramatically reduces user
perception of changing fan speeds
Thermal protection feature via THERM output
Monitors performance impact of Intel® Pentium™ 4
processor
Thermal control circuit via THERM input
2-wire, 3-wire, and 4-wire fan speed measurement
Limit comparison of all monitored values
Meets SMBus 2.0 electrical specifications
(fully SMBus 1.1 compliant)
GENERAL DESCRIPTION
The ADT7468 dBCOOLTM controller is a thermal monitor and
multiple PWM fan controller for noise-sensitive or power-
sensitive applications requiring active system cooling. The
ADT7468 can drive a fan using either a low or high frequency
drive signal, monitor the temperature of up to two remote
sensor diodes plus its own internal temperature, and measure
and control the speed of up to four fans, so that they operate at
the lowest possible speed for minimum acoustic noise.
The automatic fan speed control loop optimizes fan speed for a
given temperature. A unique dynamic TMIN control mode
enables the system thermals/acoustics to be intelligently
managed. The effectiveness of the system’s thermal solution can
be monitored using the THERM input. The ADT7468 also
provides critical thermal protection to the system using the
bidirectional THERM pin as an output to prevent system or
component overheating.
FUNCTIONAL BLOCK DIAGRAM
INPUT
SIGNAL
CONDITIONING
AND
ANALOG
MULTIPLEXER
GND
SERIAL BUS
INTERFACE
SCL
SDA
VALUE AND
LIMIT
REGISTERS
LIMIT
COMPARATORS
INTERRUPT
STATUS
REGISTERS
BAND GAP
TEMP SENSOR
VCC TO ADT7468
ADDRESS
POINTER
REGISTER
PWM
CONFIGURATION
REGISTERS
INTERRUPT
MASKING
VCC
D1+
D1–
D2+
D2–
+5VIN
THERMAL
PROTECTION
PERFORMANCE
MONITORING
PWM REGISTERS
AND
CONTROLLERS
HF & LF
PWM1
PWM2
PWM3
ACOUSTIC
ENHANCEMENT
CONTROL
BAND GAP
REFERENCE
10-BIT
ADC
ADT7468
AUTOMATIC
FAN SPEED
CONTROL
DYNAMIC
TMIN
CONTROL
FAN SPEED
COUNTER
TACH1
TACH2
TACH3
TACH4
ACOUSTIC
ENHANCEMENT
CONTROL
SRC
+12VIN
+2.5VIN
VCCP
VID5
VID4
VID3
VID2
VID1
VID0
THERM
SMBALERT
Figure 1.


Podobny numer części - ADT7468

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADT7468 ONSEMI-ADT7468 Datasheet
1Mb / 81P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
ADT7468ARQ ONSEMI-ADT7468ARQ Datasheet
1Mb / 81P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
ADT7468ARQ-REEL ONSEMI-ADT7468ARQ-REEL Datasheet
1Mb / 81P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
ADT7468ARQ-REEL7 ONSEMI-ADT7468ARQ-REEL7 Datasheet
1Mb / 81P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
ADT7468ARQZ ONSEMI-ADT7468ARQZ Datasheet
1Mb / 81P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
More results

Podobny opis - ADT7468

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7476 AD-ADT7476 Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. A
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A Datasheet
613Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 3
ADM1027 ONSEMI-ADM1027 Datasheet
1Mb / 56P
   dBCOOL??Remote Thermal Controller and Voltage Monitor
May 2010 - Rev. 3
ADT7476 ONSEMI-ADT7476 Datasheet
620Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 6
logo
Analog Devices
ADT7466 AD-ADT7466 Datasheet
1Mb / 48P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
ADT7476A AD-ADT7476A Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
ADM1027 AD-ADM1027 Datasheet
1,008Kb / 56P
   dBCOOL-TM Remote Thermal Controller and Voltage Monitor
REV. A
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com