Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB1040 Arkusz danych(PDF) 1 Page - Pan Jit International Inc.

Numer części SB1040
Szczegółowy opis  SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB1040 Arkusz danych(HTML) 1 Page - Pan Jit International Inc.

  SB1040 Datasheet HTML 1Page - Pan Jit International Inc. SB1040 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
DATE : SEP.24.2002
DATA SHEET
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of
MIL-S-19500/228
• Low power loss, high efficiency.
• Low forwrd voltge, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
MECHANICAL DATA
Case: TO-220AC Molded plastic
Terminals: Solder plated, solderable per MIL-STD-202, Method 208
Polarity: As marked.
Standard packaging: Any
Weight: 0.08 ounces, 2.24grams.
SB1020~SB10100
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at Tc=90°C
Peak Forward Surge Current,
8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage
at 10.0A per element
Maximum DC Reverse Current (Note 1) Ta=25°C
at Rated DC Blocking Voltage
Ta=100°C
Typical Thermal Resistance Note R
θJA
Operating and Storage Temperature Range T
J
V
V
mA
UNIT
NOTES:
1. Thermal Resistance Junction to Ambient .
V
0.85
0.5
50
TO-220AC
Unit: inch ( mm )
.419(10.66) MAX
.025(0.65) MAX
.038(0.96)
MAX.
.139(3.55)
MIN
.196(5.0) MAX
.054(1.39) MAX
.1(2.54)
.1(2.54)
°C
-50 to +125
60
A
150
V
A
10
°C/W
SB10100
100.0
70.0
100.0
SB1080
80.0
56.0
80.0
SB1060
60.0
42.0
60.0
SB1050
50.0
35.0
50.0
SB1040
40.0
28.0
40.0
SB1030
30.0
21.0
30.0
SB1020
20.0
14.0
20.0
0.75
0.55


Podobny numer części - SB1040

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transys Electronics
SB1040 TRSYS-SB1040 Datasheet
146Kb / 2P
   10 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1040 WTE-SB1040 Datasheet
39Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1040 WTE-SB1040 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1040 PANJIT-SB1040 Datasheet
425Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB1040 PACELEADER-SB1040 Datasheet
289Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - SB1040

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SB1020CT PANJIT-SB1020CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
SB1020FCT PANJIT-SB1020FCT Datasheet
47Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
SB1020F PANJIT-SB1020F Datasheet
44Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
SB820 PANJIT-SB820 Datasheet
37Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
SB2020CT PANJIT-SB2020CT Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
SB2520CT PANJIT-SB2520CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 25.0 Ampere)
SB820CT PANJIT-SB820CT Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
1S2 PANJIT-1S2 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB120S PANJIT-SB120S Datasheet
46Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB820FCT PANJIT-SB820FCT Datasheet
42Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com