Zakładka z wyszukiwarką danych komponentów |
|
SB1080FCT Arkusz danych(PDF) 1 Page - Pan Jit International Inc. |
|
SB1080FCT Arkusz danych(HTML) 1 Page - Pan Jit International Inc. |
1 / 2 page PAGE . 1 DATE : OCT.15.2002 DATA SHEET FEATURES • Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. • Exceeds environmental standards of MIL-S-19500/228 • Low power loss, high efficiency. • Low forwrd voltge, high current capability • High surge capacity. • For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. MECHANICAL DATA Case: ITO-220AB Molded plastic Terminals: Solder plated, solderable per MIL-STD-202, Method 208 Polarity: As marked. Standard packaging: Any Weight: 0.08 ounces, 2.24grams. SB1020FCT~SB10100FCT ISOLATION SCHOTTKY BARRIER RECTIFIERS VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Tc=90°C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 5.0A per element Maximum DC Reverse Current (Note 1) Ta=25°C at Rated DC Blocking Voltage Ta=100°C Typical Thermal Resistance Note R θJA Operating and Storage Temperature Range T J V V mA UNIT NOTES: 1. Thermal Resistance Junction to Ambient . V 0.85 0.5 50 ITO-220AB Unit:inch(mm) .406(10.3) MAX .035(.9) MAX .134(3.4) .189(4.8)MAX .1 (2.55) (2.55) .1 .118(3.0) .055(1.4) MAX .071(1.8) MAX .130(3.3)MAX .032(.8) MAX AC AC Positive CT .114(2.9) .098(2.5) °C -50 to +125 60 A 150 V A 10 °C/W SB10100FCT 100.0 70.0 100.0 SB1080FCT 80.0 56.0 80.0 SB1060FCT 60.0 42.0 60.0 SB1050FCT 50.0 35.0 50.0 SB1040FCT 40.0 28.0 40.0 SB1030FCT 30.0 21.0 30.0 SB1020FCT 20.0 14.0 20.0 0.75 0.55 |
Podobny numer części - SB1080FCT |
|
Podobny opis - SB1080FCT |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |