Zakładka z wyszukiwarką danych komponentów |
|
CDEP134-0R6NB Arkusz danych(PDF) 2 Page - Sumida Corporation |
|
CDEP134-0R6NB Arkusz danych(HTML) 2 Page - Sumida Corporation |
2 / 2 page / その他 / インダクタンス公差 / インダクタンス測定周波数(L) *IV 温度上昇実力電流:直流電流を流した時、コイルの温度上昇がΔT=40℃となる電流の実力値とする。(Ta=20℃) *B 直流重畳許容電流:直流重畳許容電流を流した時、インダクタンスが公称インダクタンスの75%以上となる電流値とする。(Ta=20℃) / 品名表記法 POWER INDUCTORS <SMD Type> TYPE : CDEP145 (Standard Type), CDEP145 (High Power Type) Parts No. L (H) CDEP145 (Standard Type) CDEP145 (High Power Type) 0R5 0R6 1R2 1R5 2R2 2R7 3R5 4R2 5R0 6R1 0.56 µ 0.68 µ 1.2 µ 1.5 µ 2.2 µ 2.7 µ 3.5 µ 4.2 µ 5.0 µ 6.1 µ 30.0 19.8 15.2 12.3 10.4 25.6 17.0 13.0 10.6 8.8 23.0 19.5 15.0 12.0 9.5 1.7m( 1.4m) 3.0m( 2.5m) 4.6m( 3.8m) 7.4m( 6.2m) 10.8m( 9.0m) D.C.R.( Ω) : Max.(Typ.) Saturation Rated Current (A) *B 20 °c 100 °c Temperature Rise Current (Typ.) (A) *IV 36.0 25.0 19.2 15.4 13.1 31.2 20.8 16.0 13.0 10.8 23.0 19.5 15.0 12.0 9.5 1.7m( 1.4m) 3.0m( 2.5m) 4.6m( 3.8m) 7.4m( 6.2m) 10.8m( 9.0m) D.C.R.( Ω) : Max.(Typ.) Saturation Rated Current (A) *B 20 °c 100 °c Temperature Rise Current (Typ.) (A) *IV Measuring Freq. (L) Tolerance of Inductance Other CDEP145(S) CDEP145(H) CDEP145(S) CDEP145(H) 100kHz 100kHz 0.68 µH – 6.1µH ± 20% (M) 0.56 µH – 5.0µH ± 20% (M) *IV Temperature Rise Current (Typ.) : The actual current when temperature of coil becomes ∆T=40 °C. (Ta=20 °C) *B Saturation Rated Current : The current when the inductance becomes 25% lower than its nominal value.(Ta=20 °C) Ordering Code CDEP145 - - : Parts No. : Tolerance of inductance M (20%) N (30%) : Packing C (Carrier tape) B (Box) : Nothing (Standard type) H (High power type) / その他 / インダクタンス公差 / インダクタンス測定周波数(L) *IV 温度上昇実力電流:直流電流を流した時、コイルの温度上昇がΔT=40℃となる電流の実力値とする。(Ta=20℃) *E 直流重畳許容電流:直流重畳許容電流を流した時、インダクタンスが公称インダクタンスの65%以上(インダクタンスの交差が±30%時)、又は75%以上(インダクタンスの交差が±20%時)となる電流値とする。(Ta=20℃) / 品名表記法 TYPE : CDEP134 (Standard Type), CDEP134 (High Power Type) Parts No. L (H) CDEP134 (Standard Type) CDEP134 (High Power Type) 0R3 0R4 0R6 0R9 1R2 1R6 1R8 2R5 2R7 3R6 4R8 6R0 6R4 8R0 0.3 µ 0.4 µ 0.66 µ 0.9 µ 1.2 µ 1.6 µ 1.8 µ 2.5 µ 2.7 µ 3.6 µ 4.8 µ 6.0 µ 6.4 µ 8.0 µ 32.0 21.6 16.0 12.8 10.9 9.3 8.0 7.2 27.0 18.4 13.8 11.0 9.1 8.0 6.8 6.1 18.5 17.0 15.0 10.5 8.0 7.5 7.0 6.5 1.9m( 1.6m) 2.5m( 2.1m) 3.7m( 3.1m) 6.6m( 5.5m) 10.8m( 9.0m) 12.0m(10.0m) 16.3m(13.6m) 18.4m(15.3m) D.C.R.( Ω) : Max.(Typ.) Saturation Rated Current (A) *E 20 °c 100 °c Temperature Rise Current (Typ.) (A) *IV 35.0 29.6 21.0 17.6 14.7 12.5 11.0 9.6 32.0 24.0 17.6 14.4 12.0 10.2 9.0 8.0 18.5 17.0 15.0 10.5 8.0 7.5 7.0 6.5 1.9m( 1.6m) 2.5m( 2.1m) 3.7m( 3.1m) 6.6m( 5.5m) 10.8m( 9.0m) 12.0m(10.0m) 16.3m(13.6m) 18.4m(15.3m) D.C.R.( Ω) : Max.(Typ.) Saturation Rated Current (A) *E 20 °c 100 °c Temperature Rise Current (Typ.) (A) *IV Measuring Freq. (L) Tolerance of Inductance Other CDEP134(S) CDEP134(H) CDEP134(S) CDEP134(H) 100kHz 100kHz 0.4 µH ± 30% (N), 0.9µH – 8.0µH ± 20% (M) 0.3 µH – 0.66µH ± 30% (N), 1.2µH – 6.0µH ± 20% (M) *IV Temperature Rise Current (Typ.) : The actual current when temperature of coil becomes ∆T=40 °C. (Ta=20 °C) *E Saturation Rated Current : The current either the inductance value becomes 35% (tolerance ± 30%) lower than its nominal value or becomes 25% (tolerance ± 20%) lower than its nominal value.(Ta=20 °C) Ordering Code CDEP134 - - : Parts No. : Tolerance of inductance M (20%) N (30%) : Packing C (Carrier tape) B (Box) : Nothing (Standard type) H (High power type) / 無鉛製品について About Lead-free products ・Lead-free products are now available for sale ・To order a lead-free product, please add"NP" after the product type: ・無鉛製品は現在、販売されております。 ・ご注文の際は製品タイプ名の後に”NP”をつけてください。 e.g. lead product: Type name- △△△○× lead-free product: Type name NP △△△○× / 無鉛製品について About Lead-free products ・Lead-free products are now available for sale ・To order a lead-free product, please add"NP" after the product type: ・無鉛製品は現在、販売されております。 ・ご注文の際は製品タイプ名の後に”NP”をつけてください。 e.g. lead product: Type name- △△△○× lead-free product: Type name NP △△△○× |
Podobny numer części - CDEP134-0R6NB |
|
Podobny opis - CDEP134-0R6NB |