Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB1100S Arkusz danych(PDF) 1 Page - Pan Jit International Inc.

Numer części SB1100S
Szczegółowy opis  1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB1100S Arkusz danych(HTML) 1 Page - Pan Jit International Inc.

  SB1100S Datasheet HTML 1Page - Pan Jit International Inc. SB1100S Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB120S THRU SB1100S
1 AMPERE SCHOTTKY BARRIER RECTIFIERS
VOLTAGE - 20 to 100 Volts
CURRENT - 1.0 Ampere
FEATURES
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
l
1 ampere operation at TA=75 ¢J with no thermal runaway
l
Exceeds environmental standards of MIL-S-19500/228
l
For use in low voltage, high frequency inverters free wheeling,
and polarlity protection applications
MECHANICAL DATA
Case: Molded plastic, A-405
Terminals: Axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.008 ounce, 0.22 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
SB120S SB130S SB140S SB150S SB168S SB180S SB1100S UNITS
Maximum Recurrent Peak Reverse Voltage
20
30
40
50
60
80
100
V
Maximum RMS Voltage
14
21
26
35
42
56
80
V
Maximum DC Blocking Voltage
20
30
40
50
60
80
100
V
Maximum Forward Voltage at 1.0A
0.50
0.70
0.85
V
Maximum Average Forward Rectified
Current .375” Lead Length at TA=75 ¢J
1.0
A
Peak Forward Surge Current IFM (surge)
8.3msec. single half sine-wave
superimposed on rated load (JEDEC
method)
30
A
Maximum Full Load Reverse Current, Full
Cycle Average at TA=75 ¢J
30
mA
Maximum Reverse Current
TA=25 ¢J
at Rated Reverse Voltage
TA=100 ¢J
0.5
10.0
mA
Typical Junction capacitance (Note 1)
110
PF
Typical Thermal Resistance £KJA (Note 2)
80
¢J /W
Operating and Storage Temperature Range
-50 TO +125
¢J
NOTES:
1.
Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2.
Thermal Resistance Junction to Ambient
* JECED Registered Value
A-405


Podobny numer części - SB1100S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transys Electronics
SB1100S TRSYS-SB1100S Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB1100S PANJIT-SB1100S Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SB1100S PANJIT-SB1100S Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Diotec Semiconductor
SB1100S DIOTEC-SB1100S Datasheet
90Kb / 2P
   Schottky Barrier Rectifier Diodes
SB1100S DIOTEC-SB1100S Datasheet
91Kb / 2P
   Schottky Barrier Rectifier Diodes
More results

Podobny opis - SB1100S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
1S2 PANJIT-1S2 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB120 PANJIT-SB120 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
1N5817 SURGE-1N5817 Datasheet
66Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere?
logo
Pan Jit International I...
1N5817 PANJIT-1N5817 Datasheet
98Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
SB820 PANJIT-SB820 Datasheet
37Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
SB1020 PANJIT-SB1020 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
SB2020CT PANJIT-SB2020CT Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
logo
Rectron Semiconductor
SR120 RECTRON-SR120_02 Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
logo
Pan Jit International I...
SB2520CT PANJIT-SB2520CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 25.0 Ampere)
logo
Rectron Semiconductor
1S20 RECTRON-1S20_V01 Datasheet
87Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
2009-10 REV:A
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com