Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB1680DC Arkusz danych(PDF) 2 Page - Pan Jit International Inc.

Numer części SB1680DC
Szczegółowy opis  D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 16.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB1680DC Arkusz danych(HTML) 2 Page - Pan Jit International Inc.

  SB1680DC Datasheet HTML 1Page - Pan Jit International Inc. SB1680DC Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
SB1620DC THRU SB16100DC
20
16
12
8
4
0
0
50
100
150
CASE TEMPERATURE, ¢J
40
20
10
8
6
4
2
1.0
.8
.6
.4
.2
.1
.4
.5
.6
.7
.8
.9
1.0
1.1
50.60V
20.30.40V
80.100V
T
J = 25 ¢J
PULSE WIDTH = 200uS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
150
120
110
90
70
50
30
20
10
1
2
5
10
20
50
100
8.3ms SINGLE HALF SINCE-WAVE
JEDEC METHOD
NO. OF CYCLES AT 60Hz
100
10
1.0
0. 1
.01
0
100
200
300
T
C = 100¢J
TC = 75 ¢J
T
C = 25
¢J
Fig. 4-MAXIMUM NON-REPETITIVE SURGE CURRENT
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
400
350
300
250
200
150
0
1
2
5
20
50
100
200
500
TJ = 25 ¢J
REVERSE VOLTAGE, VOLTS
Fig. 5-TYPICAL JUNCTION CAPACITANCE


Podobny numer części - SB1680DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transys Electronics
SB1680DC TRSYS-SB1680DC Datasheet
148Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1680DC PANJIT-SB1680DC Datasheet
428Kb / 2P
   D2PAK SURFACE SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
SB1680DC ZSELEC-SB1680DC Datasheet
147Kb / 2P
   16.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB1680DC-T3 WTE-SB1680DC-T3 Datasheet
44Kb / 3P
   16A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - SB1680DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SB820D PANJIT-SB820D Datasheet
56Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 8.0 Amperes)
SB820DC PANJIT-SB820DC Datasheet
46Kb / 2P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT - 8.0 Amperes)
logo
Surge Components
SK22 SURGE-SK22 Datasheet
84Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes????
logo
Pan Jit International I...
SK32 PANJIT-SK32 Datasheet
61Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
SK52 PANJIT-SK52 Datasheet
73Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT- 5.0 Amperes)
logo
Surge Components
SK32 SURGE-SK32 Datasheet
80Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes???
logo
Pan Jit International I...
SK22 PANJIT-SK22 Datasheet
58Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Rectron Semiconductor
MBRB20100CT RECTRON-MBRB20100CT Datasheet
201Kb / 4P
   D2PAK Surface Mount Power Package SCHOTTKY BARRIER RECTIFIER 20 AMPERES 100 VOLTS
2022-04/23 REV:A
logo
Pan Jit International I...
SD1020S PANJIT-SD1020S Datasheet
35Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
logo
Rectron Semiconductor
FM220 RECTRON-FM220 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 100 Volts CURRENT 2.0 Amperes)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com