Zakładka z wyszukiwarką danych komponentów |
|
FCZ100E-11SS-K Arkusz danych(PDF) 1 Page - YEONHO ELECTRONICS |
|
FCZ100E-11SS-K Arkusz danych(HTML) 1 Page - YEONHO ELECTRONICS |
|
1 / 1 page 1.00mm (0.039")PITCHCONNECTOR I/NO TITLE DESCRIPTION MATERIAL 2 1 PBT, UL 94V Grade FCZ100E-NNRS-K TERMINAL HOUSING Phosphor Bronze & Tin plated PARTS NO. A C B Material FCZ100E-SSK Series DIP, NON-ZIF(Vertical Through Hole) Straight FPC/FFC Connector Housing ITEM SPEC Contact Resistance Current Rating Operating Temperature Voltage Rating AC/DC 50V 30mΩ MAX Withstanding Voltage AC500V/1min Insulation Resistance 100MΩ MIN Applicable P.C.B 1.2 ~ 1.6mm Applicable Wire - Applicable FPC/FFC 0.30±0.05mm Solder Height Crimp Tensile Strength - - UL FILE NO - AC/DC 0.5A -25℃~+85℃ Specification Available Pin 27.0 31.0 33.0 30.0 29.0 28.0 26.0 25.0 22.0 24.0 23.0 19.0 21.0 20.0 18.0 17.0 14.0 16.0 15.0 13.0 12.0 6.0 9.0 11.0 10.0 7.0 8.0 5.0 25.0 28.0 29.0 31.0 26.0 27.0 23.0 24.0 20.0 21.0 22.0 17.0 18.0 19.0 15.0 16.0 12.0 13.0 14.0 10.0 11.0 4.0 8.0 9.0 7.0 5.0 6.0 3.0 24.0 25.0 27.0 28.0 30.0 31.0 29.0 32.0 33.0 35.0 26.0 FCZ100E-32SS-K FCZ100E-24SS-K FCZ100E-29SS-K FCZ100E-30SS-K FCZ100E-25SS-K FCZ100E-27SS-K FCZ100E-28SS-K FCZ100E-26SS-K FCZ100E-22SS-K FCZ100E-21SS-K FCZ100E-23SS-K 10.0 12.0 13.0 14.0 15.0 11.0 16.0 17.0 19.0 20.0 18.0 22.0 23.0 21.0 FCZ100E-13SS-K FCZ100E-20SS-K FCZ100E-19SS-K FCZ100E-14SS-K FCZ100E-18SS-K FCZ100E-17SS-K FCZ100E-16SS-K FCZ100E-15SS-K FCZ100E-12SS-K FCZ100E-11SS-K FCZ100E-09SS-K FCZ100E-10SS-K FCZ100E-08SS-K FCZ100E-07SS-K FCZ100E-06SS-K FCZ100E-05SS-K FCZ100E-04SS-K 8.0 9.0 7.0 R S No. of contacts / Straight type Title Option Kinked type FCZ100E-NNSS-K PARTS NO. = STANDARD TYPE(A-TYPE, PCB LAYOUT) = REVERSE TYPE(B-TYPE, PCB LAYOUT) 0.25 2 3.4 1(PITCH) BASE PIN BASE PIN (TOP VIEW) (TOP VIEW) A B C Ø0.8 ±0.05 C±0.1 P=1±0.1 P=1±0.1 0.8 ±0. 05 C±0.1 P.C.B. LAY-OUT(B-TYPE) PCB ASS'Y P.C.B. LAY-OUT(A-TYPE) PCB |
Podobny numer części - FCZ100E-11SS-K |
|
Podobny opis - FCZ100E-11SS-K |