Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

I-MGBIC-GSX-C Arkusz danych(PDF) 4 Page - ATGBICS by Approved Technology

Numer części I-MGBIC-GSX-C
Szczegółowy opis  I-MGBIC-GSX Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATGBICS [ATGBICS by Approved Technology]
Strona internetowa  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

I-MGBIC-GSX-C Arkusz danych(HTML) 4 Page - ATGBICS by Approved Technology

  I-MGBIC-GSX-C Datasheet HTML 1Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 2Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 3Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 4Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 5Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 6Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 7Page - ATGBICS by Approved Technology I-MGBIC-GSX-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_ I-MGBIC-GSX-C_V1
Page 4 of 8
Product Datasheet
Pin Assignment
Diagram of Host Board Connector Block Pin Numbers and Name
Diagram of Host Board Connector Block Pin Numbers and Names


Podobny numer części - I-MGBIC-GSX-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATGBICS by Approved Tec...
I-MGBIC-GLX-C ATGBICS-I-MGBIC-GLX-C Datasheet
322Kb / 9P
   I-MGBIC-GLX Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
I-MGBIC-GTX-C ATGBICS-I-MGBIC-GTX-C Datasheet
185Kb / 7P
   I-MGBIC-GTX Enterasys Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
I-MGBIC-GZX-C ATGBICS-I-MGBIC-GZX-C Datasheet
286Kb / 8P
   I-MGBIC-GZX Enterasys Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results

Podobny opis - I-MGBIC-GSX-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATGBICS by Approved Tec...
MGBIC-LC01-C ATGBICS-MGBIC-LC01-C Datasheet
293Kb / 8P
   MGBIC-LC01 Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
BTI-MGBIC-GSX-LC-C ATGBICS-BTI-MGBIC-GSX-LC-C Datasheet
293Kb / 8P
   BTI-MGBIC-GSX-LC Telco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
MGBM-GSX+-C ATGBICS-MGBM-GSX+-C Datasheet
292Kb / 8P
   MGBM-GSX Amer Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
MGBM-GSX-C ATGBICS-MGBM-GSX-C Datasheet
293Kb / 8P
   MGBM-GSX Amer Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-850NM-1000BASE-SX-C ATGBICS-SFP-850NM-1000BASE-SX-C Datasheet
294Kb / 8P
   SFP-850nm-1000BASE-SX Huawei Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
1000BASE-SX-SFP-C ATGBICS-1000BASE-SX-SFP-C Datasheet
293Kb / 8P
   1000BASE-SX-SFP Huawei Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-SX-C ATGBICS-SFP-SX-C Datasheet
293Kb / 8P
   SFP-SX Napatech Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
RX-550M-SFP-C ATGBICS-RX-550M-SFP-C Datasheet
293Kb / 8P
   RX-550M-SFP Juniper Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-GE-SX-C ATGBICS-SFP-GE-SX-C Datasheet
293Kb / 8P
   SFP-GE-SX Redback Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-1G-SX-C ATGBICS-SFP-1G-SX-C Datasheet
293Kb / 8P
   SFP-1G-SX Arista Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com