Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC1917 Arkusz danych(PDF) 6 Page - PerkinElmer Optoelectronics

Numer części LC1917
Szczegółowy opis  Low-Profile Analog Line Scan Camera
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PERKINELMER [PerkinElmer Optoelectronics]
Strona internetowa  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LC1917 Arkusz danych(HTML) 6 Page - PerkinElmer Optoelectronics

  LC1917 Datasheet HTML 1Page - PerkinElmer Optoelectronics LC1917 Datasheet HTML 2Page - PerkinElmer Optoelectronics LC1917 Datasheet HTML 3Page - PerkinElmer Optoelectronics LC1917 Datasheet HTML 4Page - PerkinElmer Optoelectronics LC1917 Datasheet HTML 5Page - PerkinElmer Optoelectronics LC1917 Datasheet HTML 6Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.perkinelmer.com/opto
For more information e-mail us at
opto@perkinelmer.com or visit our web
site at www.perkinelmer.com/opto.
All values are nominal; specifications
subject to change without notice.
© 2001 PerkinElmer Inc. All rights reserved.
PerkinElmer, the PerkinElmer logo and the stylized “P” are trademarks of PerkinElmer, Inc.
DSP-205.01A – 4/2001W
Reticon is a registered trademark of PerkinElmer, Inc.
Analog Line Scan Cameras
Page 6
Camera Model
Resolution
Max Data Rate
LC1917HAN-011
1024
5 MHz
Table 5. Stock Part Numbers
Table 6. Sales Offices
North America
United States
PerkinElmer Optoelectronics
2175 Mission College Blvd.
Santa Clara, CA 95054
Toll Free: 800-775-OPTO (6786)
Phone: +1-408-565-0830
Fax: +1-408-565-0703
Europe
Germany
PerkinElmer Optoelectronics GmbH
Wenzel-Jaksch-Str. 31
D-65199 Wiesbaden, Germany
Phone: +49-611-492-570
Fax: +49-611-492-165
Asia
Japan
PerkinElmer Optoelectronics
NEopt. 18F, Parale Mitsui Building 8
Higashida-Cho, Kawasaki-Ku
Kawasaki-Shi, Kanagawa-Ken 210-0005 Japan
Phone: +81-44-200-9170
Fax: +81-44-200-9160
www.neopt.co.jp
Singapore
47 Ayer Rajah Crescent #06-12
Singapore 139947
Phone: +65-770-4925
Fax: +65-777-1008
Ordering Information
While the information provided in
this data sheet is intended to describe
the form, fit and function for this
product, PerkinElmer reserves the
right to make changes without notice.


Podobny numer części - LC1917

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
LC191 SEOUL-LC191 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC191 SEOUL-LC191 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC191 SEOUL-LC191 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC191 SEOUL-LC191 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC191 SEOUL-LC191 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Podobny opis - LC1917

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PerkinElmer Optoelectro...
LC3000 PERKINELMER-LC3000 Datasheet
94Kb / 8P
   High Performance, Low-Cost Analog Line Scan Camera
logo
Sony Corporation
XC-55 SONY-XC-55 Datasheet
705Kb / 6P
   PROGRESSIVE SCAN CAMERA MODULE
logo
Hamamatsu Corporation
C4880-80 HAMAMATSU-C4880-80 Datasheet
79Kb / 2P
   Fast scan multi format Cooled CCD Camera
C7390 HAMAMATSU-C7390 Datasheet
137Kb / 4P
   X-Ray Line Sensor Camera
C10854 HAMAMATSU-C10854_15 Datasheet
596Kb / 7P
   Near infrared line camera (Line rate: 31.25 kHz)
logo
ams AG
4LS AMSCO-4LS Datasheet
3Mb / 115P
   4LS15K, 4LS10K and 4LS5K Line Scan Sensors
v3-01 2022-Nov-17
logo
Gamewell-FCI by Honeywe...
ASD-LS GAMEWELL-FCI-ASD-LS Datasheet
58Kb / 2P
   Low Profile Analog Laser Sensor
logo
List of Unclassifed Man...
SAD4096 ETC-SAD4096 Datasheet
180Kb / 7P
   ANALOG DELAY LINE
logo
ETAL Group
P1165 ETAL-P1165 Datasheet
128Kb / 7P
   LOW PROFILE LINE MATCHING TRANSFORMER
P3065 ETAL-P3065 Datasheet
128Kb / 5P
   LOW PROFILE LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com