Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CX74037 Arkusz danych(PDF) 6 Page - Synaptics Incorporated.

Numer części CX74037
Szczegółowy opis  Transmit RF IC for TDMA or AMPS Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CONEXANT [Synaptics Incorporated.]
Strona internetowa  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX74037 Arkusz danych(HTML) 6 Page - Synaptics Incorporated.

Back Button CX74037 Datasheet HTML 2Page - Synaptics Incorporated. CX74037 Datasheet HTML 3Page - Synaptics Incorporated. CX74037 Datasheet HTML 4Page - Synaptics Incorporated. CX74037 Datasheet HTML 5Page - Synaptics Incorporated. CX74037 Datasheet HTML 6Page - Synaptics Incorporated. CX74037 Datasheet HTML 7Page - Synaptics Incorporated. CX74037 Datasheet HTML 8Page - Synaptics Incorporated. CX74037 Datasheet HTML 9Page - Synaptics Incorporated. CX74037 Datasheet HTML 10Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CX74037
Transmit RF IC for TDMA or AMPS Applications
6
Conexant – Proprietary
101103A
Data Subject to Change
September 27, 2000
Table 4. RF150 Electrical Characteristics (2 of 3)
VDD = 2.7 V, –40 oC < TA < +85 oC, unless specified
Parameter
Symbol
Test Conditions
Min
Typical
Max
Units
Cellular Upconverter (continued)
Output P1dB
2
3
dBm
Noise figure @ 8 dB gain
12
13
dB
LO to RF leakage @ maximum gain,
LO = –10 dBm
–35
dBm
Operating temperature range
–30
+25
+80
°C
PCS Upconverter
LO frequency range
2078
2139
MHz
LO input return loss (reference to 50
Ω)
–10
dB
Output frequency
1850
1910
MHz
Conversion gain
8
9
10
dB
ACPR in 30 kHz at 30 kHz offset @ –4 dBm
output; cascaded
–33
dBc
ACPR in 30 kHz at 60 kHz offset @ –4 dBm
output; cascaded
–57
dBc
Noise figure @ 9 dB gain
910
dB
P1dB
0dBm
LO to RF leakage @ maximum gain,
LO = –15 dBm
–35
dBm
Operating temperature range
–30
+25
+80
°C
Cellular PA Driver
Output frequency
824
849
MHz
Gain
13
14
15
dB
Output power level @ 14 dB gain
7
dBm
Input return loss (reference to 50
Ω)
–15
dB
Output P1dB
14.5
dBm
ACPR in 30 kHz band at 30 kHz offset @ 7
dBm output; cascaded
–32
dBc
ACPR in 30 kHz band at 60 kHz offset @ 7
dBm output; cascaded
–55
dBc
Output return loss (reference to 50
Ω)
–15
dB
Noise figure
68
dB
Operating temperature range
–30
+25
+80
°C
External bias resistor value for +14.5 dBm
P1dB
120


Podobny numer części - CX74037

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Synaptics Incorporated.
CX74036 CONEXANT-CX74036 Datasheet
106Kb / 13P
   IS-136 Receive RF IC for TDMA and AMPS Applications
logo
Skyworks Solutions Inc.
CX74038 SKYWORKS-CX74038 Datasheet
127Kb / 12P
   2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
CX74038-12 SKYWORKS-CX74038-12 Datasheet
127Kb / 12P
   2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
More results

Podobny opis - CX74037

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zarlink Semiconductor I...
MGCT02 ZARLINK-MGCT02 Datasheet
273Kb / 12P
   Transmit Circuit for TDMA/AMPS
MGCT03 ZARLINK-MGCT03 Datasheet
366Kb / 11P
   Transmit Circuit for TDMA/AMPS
logo
Synaptics Incorporated.
CX74036 CONEXANT-CX74036 Datasheet
106Kb / 13P
   IS-136 Receive RF IC for TDMA and AMPS Applications
logo
Zarlink Semiconductor I...
MGCT04 ZARLINK-MGCT04 Datasheet
343Kb / 12P
   Transmit Circuit for TDMA/AMPS and CDMA/AMPS
logo
Transko Electronics, In...
TF-8010-ND TRANSKO-TF-8010-ND Datasheet
375Kb / 3P
   Low-loss RF SAW filter for AMPS, CDMA, and TDMA applications
TF-8011-ND TRANSKO-TF-8011-ND Datasheet
378Kb / 3P
   Low-loss RF SAW filter for AMPS, CDMA, and TDMA applications
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
   DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
logo
TriQuint Semiconductor
TQ9132B TRIQUINT-TQ9132B Datasheet
192Kb / 8P
   3V Cellular TDMA/AMPS Power Amplifier IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com