Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL431X Arkusz danych(PDF) 5 Page - AUK corp

Numer części SL431X
Szczegółowy opis  Programmable Voltage Reference
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUK [AUK corp]
Strona internetowa  https:www.auk.co.kr
Logo AUK - AUK corp

SL431X Arkusz danych(HTML) 5 Page - AUK corp

  SL431X Datasheet HTML 1Page - AUK corp SL431X Datasheet HTML 2Page - AUK corp SL431X Datasheet HTML 3Page - AUK corp SL431X Datasheet HTML 4Page - AUK corp SL431X Datasheet HTML 5Page - AUK corp SL431X Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
KSD-I0A004-000
5
SL431x
Electrical Characteristics Curves
Fig.10 Pulse Response
7
10
4
-1
8
4
t – Time [μs]
6
2
0
2
0
1
3
5
6
Ta=25˚C
Fig.11 Test circuit for Fig. 10
Input
Output
A
B
f=10KHz
GND
220Ω
50Ω
Output
Fig.12 Pulse Response (Magnify A of Fig.10)
Fig.13 Pulse Response (Magnify B of Fig.10)
7
5
4
-1
4
2
t – Time [μs]
3
1
0
2
0
1
3
5
6
7
5
4
-1
4
2
t – Time [μs]
3
1
0
2
0
1
3
5
6
Output
Input
Input
Output
Ta=25˚C
Ta=25˚C


Podobny numer części - SL431X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
SL431XM AUK-SL431XM_1 Datasheet
354Kb / 6P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
More results

Podobny opis - SL431X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com