Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1318AF Arkusz danych(PDF) 10 Page - Toshiba Semiconductor

Numer części TA1318AF
Szczegółowy opis  SYNC Processor, Frequency Counter IC for TV Component Signals
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1318AF Arkusz danych(HTML) 10 Page - Toshiba Semiconductor

Back Button TA1318AF Datasheet HTML 6Page - Toshiba Semiconductor TA1318AF Datasheet HTML 7Page - Toshiba Semiconductor TA1318AF Datasheet HTML 8Page - Toshiba Semiconductor TA1318AF Datasheet HTML 9Page - Toshiba Semiconductor TA1318AF Datasheet HTML 10Page - Toshiba Semiconductor TA1318AF Datasheet HTML 11Page - Toshiba Semiconductor TA1318AF Datasheet HTML 12Page - Toshiba Semiconductor TA1318AF Datasheet HTML 13Page - Toshiba Semiconductor TA1318AF Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
TA1318AF
2003-02-19
10
Pin
No.
Pin Name
Function
Interface Circuit
Input Signal/Output Signal
24
SYNC2-IN
Input Y signal (Note 1) for sync
separation circuit.
Input via clamp capacitor.
White 100%
= 1 Vp−p
or
25
DAC1 (V SYNC output)
DAC1 output pin.
In Test mode, it outputs VD or
composite sync signal to
frequency counter.
To improve the driving ability, it
is possible to connect a
resister (minimum: 2 k
Ω)
between this pin and GND.
However, when the resister is
added, the output DC voltage
is down.
DC
or
V SYNC
Note 1: The signal format for SYNC1-IN (pin 26) and SYNC2-IN (pin 24)
NTSC (525I/60 Hz), PAL/SECAM (625I/50 Hz), NTSC Double Scan (525I/120 Hz), PAL/SECAM Double Scan (625I/100 Hz), 525P/60 Hz, 750P/60 Hz,
1125I/60 Hz, 1125P/30 Hz
This IC doesn’t have the sync-separation circuit for non-standard signals like weak strength signal, ghost signal and so on.
7 V
0 V
11
25
18
200
1 k
11
24
5


Podobny numer części - TA1318AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1318AFG TOSHIBA-TA1318AFG Datasheet
376Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
More results

Podobny opis - TA1318AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1370FG TOSHIBA-TA1370FG Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG_05 Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318NG TOSHIBA-TA1318NG Datasheet
897Kb / 41P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318AFG TOSHIBA-TA1318AFG Datasheet
376Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TB1305FG TOSHIBA-TB1305FG Datasheet
661Kb / 33P
   Component SW, Sync Separation and H/V Frequency Counter IC for TVs
TA1383AFG TOSHIBA-TA1383AFG Datasheet
1,018Kb / 47P
   NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
logo
Maxim Integrated Produc...
MAX9568 MAXIM-MAX9568 Datasheet
248Kb / 16P
   Component Analog TV Sync Separator
Rev 1; 12/08
logo
Toshiba Semiconductor
TA8819FG TOSHIBA-TA8819FG Datasheet
1Mb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAYBACK IC FOR LCD TV
TA1317AFG TOSHIBA-TA1317AFG Datasheet
1Mb / 58P
   Deflection Processor IC for TV
TA1317ANG TOSHIBA-TA1317ANG Datasheet
1Mb / 59P
   Deflection Processor IC for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com