Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

25466 Arkusz danych(PDF) 2 Page - Alpha Wire

Numer części 25466
Szczegółowy opis  Customer Specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALPHAWIRE [Alpha Wire]
Strona internetowa  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

25466 Arkusz danych(HTML) 2 Page - Alpha Wire

  25466 Datasheet HTML 1Page - Alpha Wire 25466 Datasheet HTML 2Page - Alpha Wire 25466 Datasheet HTML 3Page - Alpha Wire 25466 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applicable Specifications
Environmental
Properties
1) UL
a) Component 1
AWM/STYLE 1569
105°C / 300 VRMS
b) Overall
AWM/STYLE 20668
90°C / 300 VRMS
VW-1
2) CSA International
C(RU) AWM I/II A/B
90°C / 300 VRMS
FT1
3) CE:
EU Low Voltage Directive 2014/35/EU
1) CE: EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU (RoHS3):
This product complies with European Directive 2011/65/EU (RoHS Directive)
of the European Parliament and of the Council of 8 June 2011 and the
amending Directive 2015/863/EU of 4 June 2015 . No Exemptions are
required for RoHS Compliance on this item.
2) California Proposition 65:
This product may contain substances known to the State of California to
cause Cancer or Reproductive Harm, but is exempt from labeling based on
the Consent Judgement. See the Alpha Wire website for more information.
Physical & Mechanical Properties
1) Temperature Range
-30 to 90°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
61 Lbs, Maximum
4) Sunlight Resistance
Yes
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Capacitance
39 pF/ft @1 kHz, Nominal Conductor to Conductor
3) Ground Capacitance
70 pF/ft @1 kHz, Nominal
4) Inductance
0.19 μH/ft, Nominal
5) Conductor DCR
10.2 Ω/1000ft @20°C, Nominal
6) OA Shield DCR
8.2 Ω/1000ft @20°C, Nominal


Podobny numer części - 25466

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Festo Corporation.
2546123 FESTO-2546123 Datasheet
58Kb / 1P
   Parallel kit
1/1/23
logo
Alpha Wire
25462 ALPHAWIRE-25462 Datasheet
92Kb / 4P
   Customer Specification
1/10/2023
25463 ALPHAWIRE-25463 Datasheet
92Kb / 4P
   Customer Specification
1/10/2023
25464 ALPHAWIRE-25464 Datasheet
93Kb / 4P
   Customer Specification
1/10/2023
25468 ALPHAWIRE-25468 Datasheet
93Kb / 4P
   Customer Specification
1/10/2023
More results

Podobny opis - 25466

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Alpha Wire
5650B2008 ALPHAWIRE-5650B2008 Datasheet
107Kb / 4P
   Customer Specification
9159 ALPHAWIRE-9159 Datasheet
106Kb / 4P
   Customer Specification
9848 ALPHAWIRE-9848 Datasheet
106Kb / 4P
   Customer Specification
FIT-260-34 ALPHAWIRE-FIT-260-34 Datasheet
106Kb / 4P
   Customer Specification
FIT-221-116 ALPHAWIRE-FIT-221-116 Datasheet
112Kb / 4P
   Customer Specification
FIT-321V-34 ALPHAWIRE-FIT-321V-34 Datasheet
106Kb / 4P
   Customer Specification
CAP-22 ALPHAWIRE-CAP-22 Datasheet
106Kb / 4P
   Customer Specification
1604 ALPHAWIRE-1604_14 Datasheet
106Kb / 4P
   Customer Specification
FIT-295-18 ALPHAWIRE-FIT-295-18 Datasheet
107Kb / 4P
   Customer Specification
FIT-321-18 ALPHAWIRE-FIT-321-18 Datasheet
106Kb / 4P
   Customer Specification
FIT-350-316 ALPHAWIRE-FIT-350-316 Datasheet
107Kb / 4P
   Customer Specification
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com