Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1PS76SB10 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 1PS76SB10
Szczegółowy opis  Schottky barrier diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS76SB10 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  1PS76SB10 Datasheet HTML 1Page - NXP Semiconductors 1PS76SB10 Datasheet HTML 2Page - NXP Semiconductors 1PS76SB10 Datasheet HTML 3Page - NXP Semiconductors 1PS76SB10 Datasheet HTML 4Page - NXP Semiconductors 1PS76SB10 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1996 Oct 14
2
Philips Semiconductors
Product specification
Schottky barrier diode
1PS76SB10
FEATURES
• Low forward voltage
• Guard ring protected
• Very small plastic SMD package.
APPLICATIONS
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Blocking diodes.
DESCRIPTION
Planar Schottky barrier diode encapsulated in a SOD323 very small plastic
SMD package.
Fig.1 Simplified outline (SOD323) and symbol.
Marking code: S0.
The marking bar indicates the cathode.
handbook, 4 columns
ka
MAM283
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
30
V
IF
continuous forward current
200
mA
IFRM
repetitive peak forward current
tp ≤ 1s; δ≤ 0.5
300
mA
IFSM
non-repetitive peak forward current
tp <10ms
600
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
125
°C
Tamb
operating ambient temperature
−65
+125
°C


Podobny numer części - 1PS76SB10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
1PS76SB10 KEXIN-1PS76SB10 Datasheet
34Kb / 1P
   Schottky barrier diode
logo
List of Unclassifed Man...
1PS76SB10 ETC2-1PS76SB10 Datasheet
39Kb / 4P
   Schottky barrier diode
logo
Nexperia B.V. All right...
1PS76SB10 NEXPERIA-1PS76SB10 Datasheet
196Kb / 10P
   Schottky barrier diode
1 July 2022
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
   Schottky barrier single diode
16 June 2021
logo
List of Unclassifed Man...
1PS76SB10TR ETC2-1PS76SB10TR Datasheet
39Kb / 4P
   Schottky barrier diode
More results

Podobny opis - 1PS76SB10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com