Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CZT7120 Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części CZT7120
Szczegółowy opis  SURFACE MOUNT PNP SILICON SWITCHING POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT7120 Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  CZT7120 Datasheet HTML 1Page - Central Semiconductor Corp CZT7120 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINAR
Y
PRELIMINAR
Y
MAXIMUM RATINGS: (TA=250C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
70
V
Emitter-Base Voltage
VEBO
7.0
V
Collector Current
IC
3.0
A
Power Dissipation
PD
2.0
W
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
0
C
Thermal Resistance
ΘJA
62.5
0
C/W
ELECTRICAL CHARACTERISTICS: (TA=250C)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=80V
1.0
µA
IEBO
VEB=5.0V
1.0
µA
BVCBO
IC=50µA
120
156
V
BVCEO
IC=10mA
70
118
V
BVEBO
IE=50µA
7.0
24
V
VCE(SAT)
IC=2.0A, IB=200mA
295
500
mV
VBE(ON)
IC=2.0A, VCE=1.0V
0.93
1.1
V
hFE
VCE=5.0V, IC=10mA
100
210
hFE
VCE=5.0V, IC=500mA
100
162
300
hFE
VCE=5.0V, IC=3.0A
40
65
fT
VCE=10V, IC=500mA, f=1.0MHz
8.0
MHz
CZT7120
SURFACE MOUNT
PNP SILICON SWITCHING POWER
TRANSISTOR
SOT-223 CASE
Central
Semiconductor Corp.
TM
R2 (17-June 2004)
DESCRIPTION:
The Central Semiconductor CZT7120 PNP
Switching Power Transistor, manufactured by
the epitaxial planar process, combines both
power and high speed switching characteristics
in a SOT-223 Surface Mount Package. Typical
applications include drivers, DC-DC converters,
and general fast switching applications.
MARKING CODE: FULL PART NUMBER


Podobny numer części - CZT7120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CZT7120 CENTRAL-CZT7120_10 Datasheet
603Kb / 2P
   SURFACE MOUNT PNP SILICON SWITCHING POWER TRANSISTOR
CZT7120 CENTRAL-CZT7120_15 Datasheet
603Kb / 2P
   SURFACE MOUNT PNP SILICON SWITCHING POWER TRANSISTOR
More results

Podobny opis - CZT7120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CZT7120 CENTRAL-CZT7120_10 Datasheet
603Kb / 2P
   SURFACE MOUNT PNP SILICON SWITCHING POWER TRANSISTOR
CZT7120 CENTRAL-CZT7120_15 Datasheet
603Kb / 2P
   SURFACE MOUNT PNP SILICON SWITCHING POWER TRANSISTOR
logo
Motorola, Inc
MMBT589LT1 MOTOROLA-MMBT589LT1 Datasheet
113Kb / 6P
   High Current Surface Mount PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT589LT1 ONSEMI-MMBT589LT1 Datasheet
113Kb / 8P
   High Current Surface Mount PNP Silicon Switching Transistor
August, 2001 ??Rev. 1
NSL5TT1 ONSEMI-NSL5TT1 Datasheet
170Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor
August, 2006 ??Rev. 1
MBT35200MT1 ONSEMI-MBT35200MT1_13 Datasheet
115Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor
August, 2013 ??Rev. 5
logo
Guangdong Kexin Industr...
CXT2907A KEXIN-CXT2907A Datasheet
97Kb / 3P
   Surface Mount PNP Switching Transistor
KZT127 KEXIN-KZT127 Datasheet
38Kb / 1P
   Surface Mount PNP Silicon Power Darlington Transistor
logo
Central Semiconductor C...
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
   Surface Mount PNP Silicon Transistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com