Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4856A Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części 2N4856A
Szczegółowy opis  N-Channel JFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N4856A Arkusz danych(HTML) 1 Page - Vishay Siliconix

  2N4856A Datasheet HTML 1Page - Vishay Siliconix 2N4856A Datasheet HTML 2Page - Vishay Siliconix 2N4856A Datasheet HTML 3Page - Vishay Siliconix 2N4856A Datasheet HTML 4Page - Vishay Siliconix 2N4856A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2N4856A/4857A/4858A
Vishay Siliconix
Document Number: 70243
S-04028—Rev. D, 04-Jun-01
www.vishay.com
7-1
N-Channel JFETs
PRODUCT SUMMARY
Part
Number
VGS(off)
(V)
V(BR)GSS
Min (V)
IDSS Min
(mA)
rDS(on) Max
(
W)
ID(off) Typ
(pA)
tON Typ
(ns)
2N4856A
–4 to –10
–40
50
25
5
4
2N4857A
–2 to –6
–40
20
40
5
4
2N4858A
–0.8 to –4
–40
8
60
5
4
FEATURES
BENEFITS
APPLICATIONS
D Low On-Resistance: 2N4856A
<25
W
D Fast Switching—tON: 4 ns
D High Off-Isolation—ID(off): 5 pA
D Low Capacitance: 3 pF
D Low Insertion Loss
D Low Error Voltage
D High-Speed Analog Circuit Performance
D Negligible “Off-Error,” Excellent Accuracy
D Good Frequency Response
D Eliminates Additional Buffering
D Analog Switches
D Choppers
D Sample-and-Hold
D Normally “On” Switches
D Current Limiters
DESCRIPTION
The
2N4856A/4857A/4858A
all-purpose
JFET
analog
switches offer low on-resistance, low capacitance, good
isolation, and fast switching.
Hermetically-sealed TO-206AA (TO-18) packaging allows full
military processing (see Military Information). For similar
products in TO-226AA (TO-92) and SOT-23 packages, see the
J/SST111 series data sheet. For
similar duals, see the
2N5564/5565/5566 data sheet.
D
S
G and Case
TO-206AA
(TO-18)
Top View
1
23


Podobny numer części - 2N4856A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
2N4856A MOTOROLA-2N4856A Datasheet
278Kb / 2P
   JFET SWITCHING N-CHANNEL-DEPLETION
logo
List of Unclassifed Man...
2N4856A ETC1-2N4856A Datasheet
43Kb / 1P
   N-Channel JFETs
logo
New Jersey Semi-Conduct...
2N4856A NJSEMI-2N4856A Datasheet
139Kb / 1P
   N-CHANNEL JFETS
2N4856A NJSEMI-2N4856A Datasheet
196Kb / 2P
   JFET SWITCHING
logo
Central Semiconductor C...
2N4856A CENTRAL-2N4856A Datasheet
539Kb / 2P
   N-CHANNEL SILICON JFET
More results

Podobny opis - 2N4856A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com