Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL330 Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXL330
Szczegółowy opis  Small, Low Power, 3-Axis ±3 g i MEMS Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
ADXL330
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
NC
1
ST
2
COM
3
NC
4
XOUT
12
NC
11
YOUT
10
NC
9
56
7
8
16
15
14
13
ADXL330
TOP VIEW
(Not to Scale)
+Z
+X
+Y
Figure 3. Pin Configuration
CENTER PAD IS NOT
INTERNALLY CONNECTED
BUT SHOULD BE SOLDERED
FOR MECHANICAL INTEGRITY
0.50
MAX
0.65
0.325
1.95
0.65
0.325
4
4
0.35
MAX
1.95
DIMENSIONS SHOWN IN MILLIMETERS
Figure 4. Recommended PCB Layout
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
No Connect
2
ST
Self-Test
3
COM
Common
4
NC
No Connect
5
COM
Common
6
COM
Common
7
COM
Common
8
ZOUT
Z Channel Output
9
NC
No Connect
10
YOUT
Y Channel Output
11
NC
No Connect
12
XOUT
X Channel Output
13
NC
No Connect
14
VS
Supply Voltage (2.0 V to 3.6 V)
15
VS
Supply Voltage (2.0 V to 3.6 V)
16
NC
No Connect




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL323Small Low Power 2-Axis ±3 g i MEMS Accelerometer 1 2 3 4 5 MoreAnalog Devices
LIS3LV02DQMEMS INERTIAL SENSOR 3-Axis - +-2g/+-6g Digital Output Low Voltage Linear Accelerometer 1 2 3 4 5 MoreSTMicroelectronics
LIS3LV02DLMEMS INERTIAL SENSOR 3-Axis - ±2g/±6g Digital Output Low Voltage Linear Accelerometer 1 2 3 4 5 MoreSTMicroelectronics
LIS3L02AQ3MEMS INERTIAL SENSOR: 3-Axis - ®g/®g LINEAR ACCELEROMETER 1 2 3 4 5 MoreSTMicroelectronics
AK4554Low Power & Small Package 16bit ΔΣ CODEC 1 2 3 4 5 MoreAsahi Kasei Microsystems
SP6121Low Voltage Synchronous Step Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
AK4555Low Power & Small Package 20bit ΔΣ CODEC 1 2 3 4 5 MoreAsahi Kasei Microsystems
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
NT90TPSmall size light weight. Low coil power consumption heavy contact load. Strong anti-shock and anti-vibration high reliability long life. 1 2 DB Lectro Inc
2N2710NPN Small Signal High Speed Low Power Saturating Switch Transistor 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl