Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL330 Datasheet(Arkusz danych) 7 Page - Analog Devices

Numer części ADXL330
Szczegółowy opis  Small, Low Power, 3-Axis ±3 g i MEMS Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 7 page
background image
ADXL330
Rev. 0 | Page 7 of 16
35
0
5
10
15
25
30
20
–2.5
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
TEMPERATURE COEFFICIENT (mg/°C)
Figure 11. X-Axis Zero g Bias Temperature Coefficient, VS = 3 V
40
35
0
5
10
15
25
30
20
–2.5
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
TEMPERATURE COEFFICIENT (mg/°C)
Figure 12. Y-Axis Zero g Bias Temperature Coefficient, VS = 3 V
30
0
5
10
15
25
20
–2.5
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
TEMPERATURE COEFFICIENT (mg/°C)
Figure 13. Z-Axis Zero g Bias Temperature Coefficient, VS = 3 V
1.55
1.54
1.53
1.52
1.51
1.50
1.49
1.48
1.47
1.46
1.45
–30
–20
–10
0
102030405060
70
80
TEMPERATURE (°C)
N = 8
Figure 14. X-Axis Zero g Bias vs. Temperature—8 Parts Soldered to PCB
1.55
1.54
1.53
1.52
1.51
1.50
1.49
1.48
1.47
1.46
1.45
–30
–20
–10
0
1020
30
4050607080
TEMPERATURE (°C)
N = 8
Figure 15. Y-Axis Zero g Bias vs. Temperature—8 Parts Soldered to PCB
1.55
1.54
1.53
1.52
1.51
1.50
1.49
1.48
1.47
1.46
1.45
–30
–20
–10
0
10
203040506070
80
TEMPERATURE (°C)
N = 8
Figure 16. Z-Axis Zero g Bias vs. Temperature—8 Parts Soldered to PCB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL323Small Low Power 2-Axis ±3 g i MEMS Accelerometer 1 2 3 4 5 MoreAnalog Devices
LIS3LV02DQMEMS INERTIAL SENSOR 3-Axis - +-2g/+-6g Digital Output Low Voltage Linear Accelerometer 1 2 3 4 5 MoreSTMicroelectronics
LIS3LV02DLMEMS INERTIAL SENSOR 3-Axis - ±2g/±6g Digital Output Low Voltage Linear Accelerometer 1 2 3 4 5 MoreSTMicroelectronics
LIS3L02AQ3MEMS INERTIAL SENSOR: 3-Axis - ®g/®g LINEAR ACCELEROMETER 1 2 3 4 5 MoreSTMicroelectronics
AK4554Low Power & Small Package 16bit ΔΣ CODEC 1 2 3 4 5 MoreAsahi Kasei Microsystems
SP6121Low Voltage Synchronous Step Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
AK4555Low Power & Small Package 20bit ΔΣ CODEC 1 2 3 4 5 MoreAsahi Kasei Microsystems
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
NT90TPSmall size light weight. Low coil power consumption heavy contact load. Strong anti-shock and anti-vibration high reliability long life. 1 2 DB Lectro Inc
2N2710NPN Small Signal High Speed Low Power Saturating Switch Transistor 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl