Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL330KCPZ Datasheet(Arkusz danych) 9 Page - Analog Devices

Numer części ADXL330KCPZ
Szczegółowy opis  Small, Low Power, 3-Axis ±3 g i MEMS Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 9 page
background image
ADXL330
Rev. 0 | Page 9 of 16
90
80
70
60
0
10
20
30
40
50
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
2.0
DRIFT (%)
Figure 23. X-Axis Sensitivity Drift Over Temperature, VS = 3 V
70
60
0
10
20
30
40
50
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
2.0
DRIFT (%)
Figure 24. Y-Axis Sensitivity Drift Over Temperature, VS = 3 V
25
20
15
10
5
0
–1.0
–0.6
–0.2
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
DRIFT (%)
Figure 25. Z-Axis Sensitivity Drift Over Temperature, VS = 3 V
0.33
0.32
0.31
0.30
0.29
0.28
0.27
–30
80
70
60
50
40
30
20
10
0
–10
–20
TEMPERATURE (°C)
N = 8
Figure 26. X-Axis Sensitivity vs. Temperature
8 Parts Soldered to PCB, VS = 3 V
0.33
0.32
0.31
0.30
0.29
0.28
0.27
–30
80
70
60
50
40
30
20
10
0
–10
–20
TEMPERATURE (°C)
N = 8
Figure 27. Y-Axis Sensitivity vs. Temperature
8 Parts Soldered to PCB, VS = 3 V
0.33
0.32
0.31
0.30
0.29
0.28
0.27
–30
80
70
60
50
40
30
20
10
0
–10
–20
TEMPERATURE (°C)
N = 8
Figure 28. Z-Axis Sensitivity vs. Temperature
8 Parts Soldered to PCB, VS = 3 V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL323Small Low Power 2-Axis ±3 g i MEMS Accelerometer 1 2 3 4 5 MoreAnalog Devices
LIS3LV02DQMEMS INERTIAL SENSOR 3-Axis - +-2g/+-6g Digital Output Low Voltage Linear Accelerometer 1 2 3 4 5 MoreSTMicroelectronics
LIS3LV02DLMEMS INERTIAL SENSOR 3-Axis - ±2g/±6g Digital Output Low Voltage Linear Accelerometer 1 2 3 4 5 MoreSTMicroelectronics
LIS3L02AQ3MEMS INERTIAL SENSOR: 3-Axis - ®g/®g LINEAR ACCELEROMETER 1 2 3 4 5 MoreSTMicroelectronics
AK4554Low Power & Small Package 16bit ΔΣ CODEC 1 2 3 4 5 MoreAsahi Kasei Microsystems
SP6121Low Voltage Synchronous Step Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
AK4555Low Power & Small Package 20bit ΔΣ CODEC 1 2 3 4 5 MoreAsahi Kasei Microsystems
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
NT90TPSmall size light weight. Low coil power consumption heavy contact load. Strong anti-shock and anti-vibration high reliability long life. 1 2 DB Lectro Inc
2N2710NPN Small Signal High Speed Low Power Saturating Switch Transistor 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl