Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL330KCPZ Datasheet(Arkusz danych) 11 Page - Analog Devices

Numer części ADXL330KCPZ
Szczegółowy opis  Small, Low Power, 3-Axis ±3 g i MEMS Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 11 page
background image
ADXL330
Rev. 0 | Page 11 of 16
THEORY OF OPERATION
The ADXL330 is a complete 3-axis acceleration measurement
system on a single monolithic IC. The ADXL330 has a measure-
ment range of ±3 g minimum. It contains a polysilicon surface
micromachined sensor and signal conditioning circuitry to
implement an open-loop acceleration measurement architecture.
The output signals are analog voltages that are proportional to
acceleration. The accelerometer can measure the static accelera-
tion of gravity in tilt sensing applications as well as dynamic
acceleration resulting from motion, shock, or vibration.
The sensor is a polysilicon surface micromachined structure
built on top of a silicon wafer. Polysilicon springs suspend the
structure over the surface of the wafer and provide a resistance
against acceleration forces. Deflection of the structure is meas-
ured using a differential capacitor that consists of independent
fixed plates and plates attached to the moving mass. The fixed
plates are driven by 180° out-of-phase square waves. Acceleration
deflects the moving mass and unbalances the differential
capacitor resulting in a sensor output whose amplitude is
proportional to acceleration. Phase-sensitive demodulation
techniques are then used to determine the magnitude and
direction of the acceleration.
The demodulator output is amplified and brought off-chip
through a 32 kΩ resistor. The user then sets the signal band-
width of the device by adding a capacitor. This filtering improves
measurement resolution and helps prevent aliasing.
MECHANICAL SENSOR
The ADXL330 uses a single structure for sensing the X, Y, and
Z axes. As a result, the three axes sense directions are highly
orthogonal with little cross axis sensitivity. Mechanical mis-
alignment of the sensor die to the package is the chief source
of cross axis sensitivity. Mechanical misalignment can, of
course, be calibrated out at the system level.
PERFORMANCE
Rather than using additional temperature compensation
circuitry, innovative design techniques ensure high
performance is built-in to the ADXL330. As a result, there is
neither quantization error nor nonmonotonic behavior, and
temperature hysteresis is very low (typically less than 3 mg over
the −25°C to +70°C temperature range).
Figure 14, Figure 15, and Figure 16 show the zero g output
performance of eight parts (X-, Y-, and Z-axis) soldered to a
PCB over a −25°C to +70°C temperature range.
Figure 26, Figure 27, and Figure 28 demonstrate the typical
sensitivity shift over temperature for supply voltages of 3 V. This
is typically better than ±1% over the −25°C to +70°C
temperature range.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL323Small Low Power 2-Axis ±3 g i MEMS Accelerometer 1 2 3 4 5 MoreAnalog Devices
LIS3LV02DQMEMS INERTIAL SENSOR 3-Axis - +-2g/+-6g Digital Output Low Voltage Linear Accelerometer 1 2 3 4 5 MoreSTMicroelectronics
LIS3LV02DLMEMS INERTIAL SENSOR 3-Axis - ±2g/±6g Digital Output Low Voltage Linear Accelerometer 1 2 3 4 5 MoreSTMicroelectronics
LIS3L02AQ3MEMS INERTIAL SENSOR: 3-Axis - ®g/®g LINEAR ACCELEROMETER 1 2 3 4 5 MoreSTMicroelectronics
AK4554Low Power & Small Package 16bit ΔΣ CODEC 1 2 3 4 5 MoreAsahi Kasei Microsystems
SP6121Low Voltage Synchronous Step Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
AK4555Low Power & Small Package 20bit ΔΣ CODEC 1 2 3 4 5 MoreAsahi Kasei Microsystems
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
NT90TPSmall size light weight. Low coil power consumption heavy contact load. Strong anti-shock and anti-vibration high reliability long life. 1 2 DB Lectro Inc
2N2710NPN Small Signal High Speed Low Power Saturating Switch Transistor 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl