Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4751G Arkusz danych(PDF) 2 Page - EIC discrete Semiconductors

Numer części 1N4751G
Szczegółowy opis  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EIC [EIC discrete Semiconductors]
Strona internetowa  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N4751G Arkusz danych(HTML) 2 Page - EIC discrete Semiconductors

  1N4751G Datasheet HTML 1Page - EIC discrete Semiconductors 1N4751G Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Reverse
Maximum
Maximum
Voltage
(3)
Leakage Current
Regulator Current
Surge Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(2)
IRM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
(mA)
1N4728G
3.3
76.0
10
400
1.0
100
1.0
276
1380
1N4729G
3.6
69.0
10
400
1.0
100
1.0
252
1260
1N4730G
3.9
64.0
9.0
400
1.0
50
1.0
234
1190
1N4731G
4.3
58.0
9.0
400
1.0
10
1.0
217
1070
1N4732G
4.7
53.0
8.0
500
1.0
10
1.0
193
970
1N4733G
5.1
49.0
7.0
550
1.0
10
1.0
178
890
1N4734G
5.6
45.0
5.0
600
1.0
10
2.0
162
810
1N4735G
6.2
41.0
2.0
700
1.0
10
3.0
146
730
1N4736G
6.8
37.0
3.5
700
1.0
10
4.0
133
660
1N4737G
7.5
34.0
4.0
700
0.5
10
5.0
121
605
1N4738G
8.2
31.0
4.5
700
0.5
10
6.0
110
550
1N4739G
9.1
28.0
5.0
700
0.5
10
7.0
100
500
1N4740G
10
25.0
7.0
700
0.25
10
7.6
91
454
1N4741G
11
23.0
8.0
700
0.25
5.0
8.4
83
414
1N4742G
12
21.0
9.0
700
0.25
5.0
9.1
76
380
1N4743G
13
19.0
10
700
0.25
5.0
9.9
69
344
1N4744G
15
17.0
14
700
0.25
5.0
11.4
61
305
1N4745G
16
15.5
16
700
0.25
5.0
12.2
57
285
1N4746G
18
14.0
20
750
0.25
5.0
13.7
50
250
1N4747G
20
12.5
22
750
0.25
5.0
15.2
45
225
1N4748G
22
11.5
23
750
0.25
5.0
16.7
41
205
1N4749G
24
10.5
25
750
0.25
5.0
18.2
38
190
1N4750G
27
9.5
35
750
0.25
5.0
20.6
34
170
1N4751G
30
8.5
40
1000
0.25
5.0
22.8
30
150
1N4752G
33
7.5
45
1000
0.25
5.0
25.1
27
135
1N4753G
36
7.0
50
1000
0.25
5.0
27.4
25
125
1N4754G
39
6.5
60
1000
0.25
5.0
29.7
23
115
1N4755G
43
6.0
70
1500
0.25
5.0
32.7
22
110
1N4756G
47
5.5
80
1500
0.25
5.0
35.8
19
95
1N4757G
51
5.0
95
1500
0.25
5.0
38.8
18
90
1N4758G
56
4.5
110
2000
0.25
5.0
42.6
16
80
1N4759G
62
4.0
125
2000
0.25
5.0
47.1
14
70
1N4760G
68
3.7
150
2000
0.25
5.0
51.7
13
65
1N4761G
75
3.3
175
2000
0.25
5.0
56.0
12
60
1N4762G
82
3.0
200
3000
0.25
5.0
62.2
11
55
1N4763G
91
2.8
250
3000
0.25
5.0
69.2
10
50
1N4764G
100
2.5
350
3000
0.25
5.0
76.0
9.0
45
Notes:
(1) The Zener impedance is derived from the 1kHZ AC voltage which results when an AC current having an RMS value equal
to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to
insure a sharp knee on the breakdown curve and to eliminate unstable units
(2) Valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature
(3) Measured under thermal equilibrium and DC test conditions.
(4) Standard Zener voltage tolerance is
± 10% tolerance. Other Zener voltages and tolerances are available upon request.
Page 2 of 2
Rev. 03 : March 25, 2005
Type No.
Maximum Zener Impedance
(1)


Podobny numer części - 1N4751G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
1N4751G TSC-1N4751G Datasheet
157Kb / 2P
   1W DO-41 Zener Voltage Regulators
1N4751G TSC-1N4751G Datasheet
111Kb / 5P
   1W DO-41 Zener Volatge Regulators
More results

Podobny opis - 1N4751G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com