Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZW50-18B Arkusz danych(PDF) 3 Page - EIC discrete Semiconductors

Numer części BZW50-18B
Szczegółowy opis  TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EIC [EIC discrete Semiconductors]
Strona internetowa  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZW50-18B Arkusz danych(HTML) 3 Page - EIC discrete Semiconductors

  BZW50-18B Datasheet HTML 1Page - EIC discrete Semiconductors BZW50-18B Datasheet HTML 2Page - EIC discrete Semiconductors BZW50-18B Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING AND CHARACTERISTIC CURVES ( BZW50 SERIES )
FIG.1 - PULSE DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - STEADY STATE POWER DERATING
FIG.4 - PEAK PULSE POWER RATING CURVE
FIG.5 - PULSE WAVEFORM
0
1.0
2.0
3.0
4.0
Page 3 of 3
Rev. 02 : March 25, 2005
80
60
40
20
120
8
400
0
600
0
300
200
100
2
6
0
4
tp, PULSE WIDTH (ms)
100
500
10
20
60
1
2
4
6
40
100
100
125
175
0
25
50
75
150
0.001
0.01
0.11
100
10
200
TL, LEAD TEMPERATURE (
°C)
50
100
0
tr = 10
µs
Peak Value
IPPM
Ta=25
°C
Pulse W idth (td) is defined
as that point where the peak
current decays to 50%
of IPPM
tp
10x1000
µs Waveform
as defined by R.E.A.
Half Value - IPPM
2
T, TIME(ms)
1
E7
1
E6
1
E5
1
E4
1
E3
1
E2
Exponential waveform
Peak Power
(on printed circuit)
Average Power
(on infinite heatsink)
L = 10mm


Podobny numer części - BZW50-18B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BZW50-18B STMICROELECTRONICS-BZW50-18B Datasheet
78Kb / 5P
   TRANSILTM
BZW50-18B STMICROELECTRONICS-BZW50-18B Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
BZW50-18B STMICROELECTRONICS-BZW50-18B Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
logo
New Jersey Semi-Conduct...
BZW50-18B NJSEMI-BZW50-18B Datasheet
207Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
BZW50-18B NJSEMI-BZW50-18B Datasheet
140Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Podobny opis - BZW50-18B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com