Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STBK5B6 Arkusz danych(PDF) 3 Page - EIC discrete Semiconductors

Numer części STBK5B6
Szczegółowy opis  SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EIC [EIC discrete Semiconductors]
Strona internetowa  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STBK5B6 Arkusz danych(HTML) 3 Page - EIC discrete Semiconductors

  STBK5B6 Datasheet HTML 1Page - EIC discrete Semiconductors STBK5B6 Datasheet HTML 2Page - EIC discrete Semiconductors STBK5B6 Datasheet HTML 3Page - EIC discrete Semiconductors STBK5B6 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
Type No.
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(µA)
(A)
(V)
(% / °C)
STBK062
55.8
68.2
1.0
50.2
5.0
16.9
89.0
0.104
STBK562
58.9
65.1
1.0
53.0
5.0
17.7
85.0
0.104
STBK068
61.2
74.8
1.0
55.1
5.0
15.3
98.0
0.104
STBK568
64.6
71.4
1.0
58.1
5.0
16.3
92.0
0.104
STBK075
67.5
82.5
1.0
60.7
5.0
13.9
108
0.105
STBK575
71.3
78.8
1.0
64.1
5.0
14.6
103
0.105
STBK082
73.8
90.2
1.0
66.4
5.0
12.7
118
0.105
STBK582
77.9
86.1
1.0
70.1
5.0
13.3
113
0.105
STBK091
81.9
100
1.0
73.7
5.0
11.4
131
0.106
STBK591
86.5
95.5
1.0
77.8
5.0
12.0
125
0.106
STBK0B0
90.0
110
1.0
81.0
5.0
10.4
144
0.106
STBK5B0
95.0
105
1.0
85.5
5.0
11.0
137
0.106
STBK0B1
99.0
121
1.0
89.2
5.0
9.5
158
0.107
STBK5B1
105
116
1.0
94.0
5.0
9.9
152
0.107
STBK0B2
108
132
1.0
97.2
5.0
8.7
173
0.107
STBK5B2
114
126
1.0
102
5.0
9.1
165
0.107
STBK0B3
117
143
1.0
105
5.0
8.0
187
0.107
STBK5B3
124
137
1.0
111
5.0
8.4
179
0.107
STBK0B5
135
165
1.0
121
5.0
7.0
215
0.108
STBK5B5
143
158
1.0
128
5.0
7.2
207
0.108
STBK0B6
144
176
1.0
130
5.0
6.5
230
0.108
STBK5B6
152
168
1.0
136
5.0
6.8
219
0.108
STBK0B7
153
187
1.0
138
5.0
6.2
244
0.108
STBK5B7
162
179
1.0
145
5.0
6.4
234
0.108
STBK0B8
162
198
1.0
146
5.0
5.8
258
0.108
STBK5B8
171
189
1.0
154
5.0
6.1
246
0.108
STBK0D0
180
220
1.0
162
5.0
5.2
287
0.108
STBK5D0
190
210
1.0
171
5.0
5.5
274
0.108
STBK0D2
198
242
1.0
175
5.0
4.3
344
0.108
STBK5D2
209
231
1.0
185
5.0
4.6
328
0.108
STBK0D5
225
275
1.0
202
5.0
4.2
360
0.110
STBK5D5
237
263
1.0
214
5.0
4.4
344
0.110
STBK0E0
270
330
1.0
243
5.0
3.5
430
0.110
STBK5E0
285
315
1.0
256
5.0
3.6
414
0.110
STBK0E5
315
385
1.0
284
5.0
3.0
504
0.110
STBK5E5
332
368
1.0
300
5.0
3.1
482
0.110
STBK0G0
360
440
1.0
324
5.0
2.6
574
0.110
STBK5G0
380
420
1.0
342
5.0
2.7
548
0.110
STBK0G4
396
484
1.0
356
5.0
2.4
631
0.110
STBK5G4
418
462
1.0
376
5.0
2.5
602
0.110
Notes:
(1) VBR measured after It applied for 300 µs., It = square wave pulse or equivalent.
(2) "STB" will be omitted in marking on the diode.
Page 3 of 4
Rev. 06 : May 2, 2006
Certificate TH97/10561QM
Certificate TW00/17276EM


Podobny numer części - STBK5B6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STB-1 ETC-STB-1 Datasheet
155Kb / 1P
   DO-35 Case
STB-2 ETC-STB-2 Datasheet
155Kb / 1P
   DO-35 Case
STB-3 ETC1-STB-3 Datasheet
1Mb / 20P
   100 MHz, 200 MHz bandwidth models
STB-4 ETC-STB-4 Datasheet
155Kb / 1P
   DO-35 Case
STB-567 ETC-STB-567 Datasheet
155Kb / 1P
   DO-35 Case
More results

Podobny opis - STBK5B6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
STBB06I EIC-STBB06I Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBN06I EIC-STBN06I Datasheet
74Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBP06I EIC-STBP06I Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBS06H EIC-STBS06H Datasheet
54Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STB606I EIC-STB606I Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STB606I EIC-STB606I Datasheet
78Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMCJ5.0 DIOTEC-1.5SMCJ5.0 Datasheet
85Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0 Datasheet
92Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL3468 DIOTEC-TGL3468 Datasheet
169Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com