Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABTH162244DL Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74ABTH162244DL
Szczegółowy opis  16-bit buffer/line driver with 30ohm series termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH162244DL Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74ABTH162244DL Datasheet HTML 1Page - NXP Semiconductors 74ABTH162244DL Datasheet HTML 2Page - NXP Semiconductors 74ABTH162244DL Datasheet HTML 3Page - NXP Semiconductors 74ABTH162244DL Datasheet HTML 4Page - NXP Semiconductors 74ABTH162244DL Datasheet HTML 5Page - NXP Semiconductors 74ABTH162244DL Datasheet HTML 6Page - NXP Semiconductors 74ABTH162244DL Datasheet HTML 7Page - NXP Semiconductors 74ABTH162244DL Datasheet HTML 8Page - NXP Semiconductors 74ABTH162244DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74ABT162244
74ABTH162244
16-bit buffer/line driver with 30
Ω series
termination resistors (3-State)
1998 Oct 22
5
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
Min
Typ
Max
Min
Max
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
3
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High-level output voltage3
VCC = 5V; IOH = –3mA; VI = VIL or VIH
3.0
3.4
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VO
Low level output voltage
VCC = 4.5V; IOL = 8mA; VI = VIL or VIH
0.65
0.65
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 12mA; VI = VIL or VIH
0.80
0.80
V
II
Input leakage current
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
Input leakage current
VCC = 5.5V; VI = VCC or GND
Control
pins
±0.01
±1.0
±1.0
µA
II
In ut leakage current
74ABTH162244
VCC = 5.5V; VI = VCC
Data pins
0.01
1.0
1.0
µA
VCC = 5.5V; VI = 0
Data pins
–2.0
–3.0
–5.0
µA
B
H ld C
tAI
t 4
VCC = 4.5V; VI = 0.8V
50
50
IHOLD
Bus Hold Current A Inputs4
74ABTH162244
VCC = 5.5V; VI = 2.0V
–75
–75
µA
VCC = 5.5V; VI = 0 to 5.5V
±500
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
±5.0
±100
±100
µA
IPU/PD
Power-up/down 3-State
output current
VCC = 2.0V; VO = 0.5V; VI = GND or VCC;
V OE = Don’t care
±5.0
±50
±50
µA
IOZH
3-State output High current
VCC = 5.5V; VO = 5.5V; VI = VIL or VIH
0.1
10
10
µA
IOZL
3-State output Low current
VCC = 5.5V; VO = 0.0V; VI = VIL or VIH
–0.1
–10
–10
µA
ICEX
Output High leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
5.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–100
–180
–50
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
0.50
1.0
1.0
mA
ICCL
Quiescent supply current3
VCC = 5.5V; Outputs Low, VI = GND or VCC
10
19
19
mA
ICCZ
VCC = 5.5V; Outputs 3-State;
VI = GND or VCC
0.50
1.0
1.0
mA
Outputs enabled, one data input at 3.4V,
other inputs at VCC or GND; VCC = 5.5V
100
250
250
µA
∆ICC
Additional supply current per
input pin2, 3
Outputs disabled, one data input at 3.4V,
other inputs at VCC or GND; VCC = 5.5V
100
250
250
µA
in ut in
Control pins, outputs disabled, one enable
input at 3.4V, other inputs at VCC or GND;
VCC = 5.5V
100
250
250
µA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. This data sheet limit may vary among suppliers.
4. This is the bus hold overdrive current required to force the input to the opposite logic state.


Podobny numer części - 74ABTH162244DL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABTH162240 PHILIPS-74ABTH162240 Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162240DGG PHILIPS-74ABTH162240DGG Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162240DL PHILIPS-74ABTH162240DL Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162245A PHILIPS-74ABTH162245A Datasheet
94Kb / 12P
   16-Bit bus transceiver with 30W series termination resistors (3-State)
1998 Feb 25
logo
Nexperia B.V. All right...
74ABTH162245A NEXPERIA-74ABTH162245A Datasheet
227Kb / 13P
   16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
More results

Podobny opis - 74ABTH162244DL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVCH162244 PHILIPS-74ALVCH162244 Datasheet
90Kb / 11P
   16-bit buffer/line driver with 30ohm termination resistor 3-State
1998 Jun 29
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
74LVC162244A PHILIPS-74LVC162244A Datasheet
79Kb / 10P
   16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com