Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM681000CLG-7 Arkusz danych(PDF) 3 Page - Samsung semiconductor

Numer części KM681000CLG-7
Szczegółowy opis  128K x8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681000CLG-7 Arkusz danych(HTML) 3 Page - Samsung semiconductor

  KM681000CLG-7 Datasheet HTML 1Page - Samsung semiconductor KM681000CLG-7 Datasheet HTML 2Page - Samsung semiconductor KM681000CLG-7 Datasheet HTML 3Page - Samsung semiconductor KM681000CLG-7 Datasheet HTML 4Page - Samsung semiconductor KM681000CLG-7 Datasheet HTML 5Page - Samsung semiconductor KM681000CLG-7 Datasheet HTML 6Page - Samsung semiconductor KM681000CLG-7 Datasheet HTML 7Page - Samsung semiconductor KM681000CLG-7 Datasheet HTML 8Page - Samsung semiconductor KM681000CLG-7 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PRELIMINARY
KM681000C Family
CMOS SRAM
Revision 2.0
November 1997
3
PRODUCT LIST
Commercial Temperature Products(0~70
°C)
Industrial Temperature Products(-40~85
°C)
Part Name
Function
Part Name
Function
KM681000CLP-5
KM681000CLP-7
KM681000CLP-5L
KM681000CLP-7L
KM681000CLG-5
KM681000CLG-7
KM681000CLG-5L
KM681000CLG-7L
KM681000CLT-5L
KM681000CLT-7L
KM681000CLR-5L
KM681000CLR-7L
32-DIP, 55ns, L-pwr
32-DIP, 70ns, L-pwr
32-DIP, 55ns, LL-pwr
32-DIP, 70ns, LL-pwr
32-SOP, 55ns, L-pwr
32-SOP, 70ns, L-pwr
32-SOP, 55ns, LL-pwr
32-SOP, 70ns, LL-pwr
32-TSOP1-F, 55ns, LL-pwr
32-TSOP1-F, 70ns, LL-pwr
32-TSOP1-R, 55ns, LL-pwr
32-TSOP1-R, 70ns, LL-pwr
KM681000CLGI-7
KM681000CLGI-7L
KM681000CLTI-7L
KM681000CLRI-7L
32-SOP, 70ns, L-pwr
32-SOP, 70ns, LL-pwr
32-TSOP1-F, 70ns, LL-pwr
32-TSOP1-R, 70ns, LL-pwr
FUNCTIONAL DESCRIPTION
1. X means don
′t care(Must be in high or low status.)
CS1
CS2
OE
WE
I/O Pin
Mode
Power
H
X1)
X1)
X1)
High-Z
Deselected
Standby
X1)
L
X1)
X1)
High-Z
Deselected
Standby
L
H
H
H
High-Z
Output Disable
Active
L
H
L
H
Dout
Read
Active
L
H
X1)
L
Din
Write
Active
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be
restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Ratings
Unit
Remark
Voltage on any pin relative to Vss
VIN, VOUT
-0.5 to 7.0
V
-
Voltage on Vcc supply relative to Vss
VCC
-0.5 to 7.0
V
-
Power Dissipation
PD
1.0
W
-
Storage temperature
TSTG
-65 to 150
°C
-
Operating Temperature
TA
0 to 70
°C
KM681000CL
-40 to 85
°C
KM681000CLI
Soldering temperature and time
TSOLDER
260
°C, 10sec (Lead Only)
-
-


Podobny numer części - KM681000CLG-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM681000 SAMSUNG-KM681000 Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000BL SAMSUNG-KM681000BL Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000BL-L SAMSUNG-KM681000BL-L Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000BLE SAMSUNG-KM681000BLE Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
More results

Podobny opis - KM681000CLG-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com