Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT16273 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74ABT16273
Szczegółowy opis  16-bit D-type flip-flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT16273 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74ABT16273 Datasheet HTML 1Page - NXP Semiconductors 74ABT16273 Datasheet HTML 2Page - NXP Semiconductors 74ABT16273 Datasheet HTML 3Page - NXP Semiconductors 74ABT16273 Datasheet HTML 4Page - NXP Semiconductors 74ABT16273 Datasheet HTML 5Page - NXP Semiconductors 74ABT16273 Datasheet HTML 6Page - NXP Semiconductors 74ABT16273 Datasheet HTML 7Page - NXP Semiconductors 74ABT16273 Datasheet HTML 8Page - NXP Semiconductors 74ABT16273 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16273
74ABTH16273
16-bit D-type flip-flop
2
1998 Feb 27
853-1793 19027
FEATURES
16-bit D-type edge triggered flip-flops
Output capability: +64mA/–32mA
TTL input and output switching levels
Live insertion/extraction permitted
Power-up reset
74ABTH16273 incorporates bus-hold data inputs which eliminate
the need for external pull-up resistors to hold unused inputs
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74ABT16273 high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
This part is a 16-bit edge triggered D-type flip-flop with non-inverting
high drive outputs. This device can be used as two 8-bit flip-flops or
one 16-bit flip-flop. When the clock (CP) goes High, the data on the
D inputs is stored and the Q outputs display the stored data.
This device also features a master reset (MR) that resets all
flip-flops to the Low state when MR is set to the Low state.
Two options are available, 74ABT16273 which does not have the
bus-hold feature and 74ABTH16273 which incorporates the
bus-hold feature.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50pF;
VCC = 5.0V
2.5
2.0
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
ICCH
Quiescent supply current
Outputs High; VCC = 5.5V
200
µA
ICCL
Quiescent su
ly current
Outputs low; VCC = 5.5V
8
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABT16273 DL
BT16273 DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABT16273 DGG
BT16273 DGG
SOT362-1
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABTH16273 DL
BH16273 DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABTH16273 DGG
BH16273 DGG
SOT362-1
LOGIC SYMBOL
3
2
1Q0 1Q1 1Q2
6
5
1Q3
47
46
44
43
1D0 1D1 1D2 1D3
48
1
9
8
1Q4 1Q5 1Q6
12
11
1Q7
41
40
38
37
1D4 1D5 1D6 1D7
CP
MR
14
13
17
16
36
35
33
32
25
24
20
19
23
22
30
29
27
26
2Q0 2Q1 2Q2 2Q3
2D0 2D21 2D2 2D3
2Q4 2Q5 2Q6 2Q7
2D4 2D5 2D6 2D7
CP
MR
SH00052
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND
FUNCTION
1, 24
1MR, 2MR
Master reset input
(active-Low)
2, 3, 5, 6, 8, 9, 11, 12,13,
14, 16, 17, 19, 20, 22, 23
1Q0-1Q7
2Q0-2Q7
Data outputs
47, 46, 44, 43, 41, 40, 38, 37,
36, 35, 33, 32, 30, 29, 27, 26
1D0-1D7
2D0-2D7
Data inputs
25, 48
1CP, 2CP
Clock pulse input
(active rising edge)
4, 10, 15, 21, 28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive supply
voltage


Podobny numer części - 74ABT16273

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT162240 PHILIPS-74ABT162240 Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABT162240DGG PHILIPS-74ABT162240DGG Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABT162240DL PHILIPS-74ABT162240DL Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
logo
Fairchild Semiconductor
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
More results

Podobny opis - 74ABT16273

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC16374 TI1-SN74LVC16374_14 Datasheet
489Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX16374 ONSEMI-MC74LCX16374_12 Datasheet
133Kb / 7P
   Low-Voltage CMOS 16-Bit D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Fairchild Semiconductor
74F825 FAIRCHILD-74F825 Datasheet
52Kb / 6P
   8-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823_00 Datasheet
62Kb / 6P
   9-Bit D-Type Flip-Flop
logo
Motorola, Inc
MC74LCX16374 MOTOROLA-MC74LCX16374 Datasheet
123Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP
logo
National Semiconductor ...
54F825SDM NSC-54F825SDM Datasheet
161Kb / 8P
   8-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74ACT823 FAIRCHILD-74ACT823 Datasheet
76Kb / 7P
   9-Bit D-Type Flip-Flop
74F821 FAIRCHILD-74F821 Datasheet
49Kb / 6P
   10-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823 Datasheet
52Kb / 6P
   9-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F821SDM NSC-54F821SDM Datasheet
153Kb / 8P
   10-Bit D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com