Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABTH16373BDGG Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74ABTH16373BDGG
Szczegółowy opis  16-bit transparent latch 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH16373BDGG Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74ABTH16373BDGG Datasheet HTML 1Page - NXP Semiconductors 74ABTH16373BDGG Datasheet HTML 2Page - NXP Semiconductors 74ABTH16373BDGG Datasheet HTML 3Page - NXP Semiconductors 74ABTH16373BDGG Datasheet HTML 4Page - NXP Semiconductors 74ABTH16373BDGG Datasheet HTML 5Page - NXP Semiconductors 74ABTH16373BDGG Datasheet HTML 6Page - NXP Semiconductors 74ABTH16373BDGG Datasheet HTML 7Page - NXP Semiconductors 74ABTH16373BDGG Datasheet HTML 8Page - NXP Semiconductors 74ABTH16373BDGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16373B
74ABTH16373B
16-bit transparent latch (3-State)
2
1998 Feb 27
853-1751 19027
FEATURES
16-bit transparent latch
Multiple V
CC and GND pins minimize switching noise
Power-up 3-State
Live insertion/extraction permitted
Power-up reset
3-State output buffers
74ABTH16373B incorporates bus-hold data inputs which
eliminate the need for external pull-up resistors to hold unused
inputs
Output capability: +64mA/–32mA
I
CCL –19 mA maximum
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74ABT16373B high-performance BiCMOS device combines
low static and dynamic power dissipation with high speed and high
output drive.
The 74ABT16373B device is a dual octal transparent latch coupled
to two sets of eight 3-State output buffers. The two sections of the
device are controlled independently by Enable (nE) and Output
Enable (nOE) control gates.
The data on each set of D inputs are transferred to the latch outputs
when the Latch Enable (nE) input is High. The latch remains
transparent to the data inputs while nE is High, and stores the data
that is present one setup time before the High-to-Low enable
transition.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors. Each
active-Low Output Enable (nOE) controls eight 3-State buffers
independent of the latch operation.
When nOE is Low, the latched or transparent data appears at the
outputs. When nOE is High, the outputs are in the High-impedance
“OFF” state, which means they will neither drive nor load the bus.
Two options are available, 74ABT16373B which does not have the
bus-hold feature and 74ABTH16373B which incorporates the
bus-hold feature.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Q0
1Q1
GND
1Q2
1Q3
1Q4
1Q5
GND
1Q6
1Q7
2Q0
2Q1
GND
2Q3
VCC
2Q4
VCC
2Q2
2Q5
GND
2Q7
2OE
2Q6
1E
1D0
1D1
GND
1D2
1D3
1D4
1D5
GND
1D6
1D7
2D0
2D1
GND
2D3
VCC
2D4
VCC
2D2
2D5
GND
2D7
2E
2D6
SA00379
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
Dn to Qn
CL = 50pF; VCC = 5V
2.5
2.0
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
VO = 0V or VCC; 3-State
7
pF
ICCZ
Quiescent supply current
Outputs disabled; VCC = 5.5V
500
µA
ICCL
Quiescent su
ly current
Outputs low; VCC = 5.5V
8
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin SSOP type III
–40
°C to +85°C
74ABT16373B DL
BT16373B DL
SOT370-1
48-Pin TSSOP type II
–40
°C to +85°C
74ABT16373B DGG
BT16373B DGG
SOT362-1
48-Pin SSOP type III
–40
°C to +85°C
74ABTH16373B DL
BH16373B DL
SOT370-1
48-Pin TSSOP type II
–40
°C to +85°C
74ABTH16373B DGG
BH16373B DGG
SOT362-1


Podobny numer części - 74ABTH16373BDGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABTH16374B PHILIPS-74ABTH16374B Datasheet
86Kb / 10P
   16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16374BDGG PHILIPS-74ABTH16374BDGG Datasheet
86Kb / 10P
   16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16374BDL PHILIPS-74ABTH16374BDL Datasheet
86Kb / 10P
   16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
More results

Podobny opis - 74ABTH16373BDGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACTQ16373 FAIRCHILD-74ACTQ16373 Datasheet
94Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACTQ16373 FAIRCHILD-74ACTQ16373_05 Datasheet
108Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACT16373 FAIRCHILD-74ACT16373 Datasheet
88Kb / 6P
   16-Bit Transparent Latch with 3-STATE Outputs
logo
Nexperia B.V. All right...
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
   16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
logo
ON Semiconductor
74LVT16373 ONSEMI-74LVT16373 Datasheet
206Kb / 10P
   Low Voltage 16-Bit Transparent Latch 3-STATE Outputs
Revised June 2005
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVT16373A PHILIPS-74LVT16373A Datasheet
86Kb / 10P
   3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
logo
Texas Instruments
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74LVT16373A NEXPERIA-74LVT16373A Datasheet
228Kb / 13P
   3.3 V 16-bit transparent D-type latch; 3-state
Rev. 4 - 3 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com