Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS840E32AGT-150 Arkusz danych(PDF) 9 Page - GSI Technology

Numer części GS840E32AGT-150
Szczegółowy opis  256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GSI [GSI Technology]
Strona internetowa  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS840E32AGT-150 Arkusz danych(HTML) 9 Page - GSI Technology

Back Button GS840E32AGT-150 Datasheet HTML 5Page - GSI Technology GS840E32AGT-150 Datasheet HTML 6Page - GSI Technology GS840E32AGT-150 Datasheet HTML 7Page - GSI Technology GS840E32AGT-150 Datasheet HTML 8Page - GSI Technology GS840E32AGT-150 Datasheet HTML 9Page - GSI Technology GS840E32AGT-150 Datasheet HTML 10Page - GSI Technology GS840E32AGT-150 Datasheet HTML 11Page - GSI Technology GS840E32AGT-150 Datasheet HTML 12Page - GSI Technology GS840E32AGT-150 Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
GS840E18/32/36AT/B-190/180/166/150/100
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.12 10/2004
9/31
© 1999, GSI Technology
BGA Pin Description
Symbol
Type
Description
A0, A1
I
Address field LSBs and Address Counter Preset Inputs
A
I
Address Inputs
DQA
DQB
DQC
DQD
I/O
Data Input and Output pins
BA, BB, BC, BD
I
Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low
CK
I
Clock Input Signal; active high
BW
I
Byte Write—Writes all enabled bytes; active low
GW
I
Global Write Enable—Writes all bytes; active low
E1, E3
I
Chip Enable; active low
E2
I
Chip Enable; active high
G
I
Output Enable; active low
ADV
I
Burst address counter advance enable; active low
ADSP, ADSC
I
Address Strobe (Processor, Cache Controller); active low
ZZ
I
Sleep Mode control; active high
FT
I
Flow Through or Pipeline mode; active low
LBO
I
Linear Burst Order mode; active low
VDD
I
Core power supply
VSS
I
I/O and Core Ground
VDDQ
I
Output driver power supply
NC
No Connect


Podobny numer części - GS840E32AGT-150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS840E32B-100 GSI-GS840E32B-100 Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E32B-100I GSI-GS840E32B-100I Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E32B-150 GSI-GS840E32B-150 Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E32B-150I GSI-GS840E32B-150I Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E32B-166 GSI-GS840E32B-166 Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
More results

Podobny opis - GS840E32AGT-150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS840E18T GSI-GS840E18T Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840H18AT GSI-GS840H18AT Datasheet
747Kb / 30P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018T GSI-GS84018T Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840F18AT GSI-GS840F18AT Datasheet
554Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018 GSI-GS84018 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com