Zakładka z wyszukiwarką danych komponentów |
|
GS840F36AGT-10I Arkusz danych(PDF) 11 Page - GSI Technology |
|
GS840F36AGT-10I Arkusz danych(HTML) 11 Page - GSI Technology |
11 / 21 page GS840F18/32/36AT-7.5/8/8.5/10/12 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.09 10/2004 11/21 © 1999, GSI Technology Note: Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended Operating Conditions. Exposure to conditions exceeding the Absolute Maximum Ratings, for an extended period of time, may affect reliability of this component. Notes: 1. Unless otherwise noted, all performance specifications quoted are evaluated for worst case at both 2.75 V ≤ VDDQ ≤ 2.375 V (i.e., 2.5 V I/O) and 3.6 V ≤ VDDQ ≤ 3.135 V (i.e., 3.3 V I/O) and quoted at whichever condition is worst case. 2. This device features input buffers compatible with both 3.3 V and 2.5 V I/O drivers. 3. Most speed grades and configurations of this device are offered in both Commercial and Industrial Temperature ranges. The part number of Industrial Temperature Range versions end the character “I”. Unless otherwise noted, all performance specifications quoted are evaluated for worst case in the temperature range marked on the device. 4. Input Under/overshoot voltage must be –2 V > Vi < VDD+2 V with a pulse width not to exceed 20% tKC. Absolute Maximum Ratings (All voltages reference to VSS) Symbol Description Value Unit VDD Voltage on VDD Pins –0.5 to 4.6 V VDDQ Voltage in VDDQ Pins –0.5 to VDD V VCK Voltage on Clock Input Pin –0.5 to 6 V VI/O Voltage on I/O Pins –0.5 to VDDQ+0.5 (≤ 4.6 V max.) V VIN Voltage on Other Input Pins –0.5 to VDD+0.5 (≤ 4.6 V max.) V IIN Input Current on Any Pin +/–20 mA IOUT Output Current on Any I/O Pin +/–20 mA PD Package Power Dissipation 1.5 W TSTG Storage Temperature –55 to 125 oC TBIAS Temperature Under Bias –55 to 125 oC Recommended Operating Conditions Parameter Symbol Min. Typ. Max. Unit Notes Supply Voltage VDD 3.135 3.3 3.6 V I/O Supply Voltage VDDQ 2.375 2.5 VDD V1 Input High Voltage VIH 1.7 — VDD+0.3 V2 Input Low Voltage VIL –0.3 — 0.8 V 2 Ambient Temperature (Commercial Range Versions) TA 025 70 °C3 Ambient Temperature (Industrial Range Versions) TA –40 25 85 °C3 |
Podobny numer części - GS840F36AGT-10I |
|
Podobny opis - GS840F36AGT-10I |