Zakładka z wyszukiwarką danych komponentów |
|
GS8150V18AB-300I Arkusz danych(PDF) 5 Page - GSI Technology |
|
GS8150V18AB-300I Arkusz danych(HTML) 5 Page - GSI Technology |
5 / 25 page GS8150V18/36AB-357/333/300/250 Product Preview Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.04 4/2005 5/25 © 2003, GSI Technology Write Operations Write operations are initiated when the write enable input signal (SW) and chip select (SS) are captured at logic 0 on a rising edge of the K clock (and falling edge of the K clock). Late Write In Late Write mode the RAM requires Data In one rising clock edge later than the edge used to load Address and Control. Late Write protocol has been employed on SRAMs designed for RISC processor L2 cache applications and in Flow Through mode NBT SRAMs. Byte Write Control The Byte Write Enable inputs (Bx) determine which bytes will be written. Any combination of Byte Write Enable control pins, including all or none, may be activated. A Write Cycle with no Byte Write inputs active is a write abort cycle. Byte write control inputs are captured by the same clock edge used to capture SW. Example of x36 Byte Write Truth Table Function SW Ba Bb Bc Bd Read H X X X X Write Byte A L L H H H Write Byte B L H L H H Write Byte C L H H L H Write Byte D L H H H L Write all Bytes L L L L L Write Abort L H H H H FLXDrive-II™ HSTL Output Driver Impedance Control HSTL I/O SigmaRAMs are supplied with programmable impedance output drivers. The ZQ pin must be connected to VSS via an external resistor, RQ, to allow the SRAM to monitor and adjust its output driver impedance. The value of RQ must be 5X the value of the desired SRAM driver impedance. The allowable range of RQ to guarantee impedance matching with specified tolerance is between 150 Ω and 300Ω. Periodic readjustment of the output driver impedance occurs automatically because driver impedance is affected by drifts in supply voltage and die temperature. A clock cycle counter periodically triggers an impedance evaluation, resets and counts again. Each impedance evaluation may move the output driver impedance level one step at a time towards the optimum level. The output driver is implemented with discrete binary weighted impedance steps. The SRAM requires 32K start-up clock cycles, selected or deselected, after VDD reaches its operating range to reach its programmed output driver impedance. |
Podobny numer części - GS8150V18AB-300I |
|
Podobny opis - GS8150V18AB-300I |