Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS8160E32T-225 Arkusz danych(PDF) 1 Page - GSI Technology

Numer części GS8160E32T-225
Szczegółowy opis  1M x 18, 512K x 36 18Mb Sync Burst SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GSI [GSI Technology]
Strona internetowa  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8160E32T-225 Arkusz danych(HTML) 1 Page - GSI Technology

  GS8160E32T-225 Datasheet HTML 1Page - GSI Technology GS8160E32T-225 Datasheet HTML 2Page - GSI Technology GS8160E32T-225 Datasheet HTML 3Page - GSI Technology GS8160E32T-225 Datasheet HTML 4Page - GSI Technology GS8160E32T-225 Datasheet HTML 5Page - GSI Technology GS8160E32T-225 Datasheet HTML 6Page - GSI Technology GS8160E32T-225 Datasheet HTML 7Page - GSI Technology GS8160E32T-225 Datasheet HTML 8Page - GSI Technology GS8160E32T-225 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
GS8160E18/32/36T-250/225/200/166/150/133
1M x 18, 512K x 36
18Mb Sync Burst SRAMs
250 MHz–133 MHz
2.5 V or 3.3 V VDD
2.5 V or 3.3 V I/O
100-Pin TQFP
Commercial Temp
Industrial Temp
Rev: 2.13 11/2004
1/25
© 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• FT pin for user-configurable flow through or pipeline
operation
• Dual Cycle Deselect (DCD) operation
• 2.5 V or 3.3 V +10%/–10% core power supply
• 2.5 V or 3.3 V I/O supply
• LBO pin for Linear or Interleaved Burst mode
• Internal input resistors on mode pins allow floating mode pins
• Default to Interleaved Pipeline mode
• Byte Write (BW) and/or Global Write (GW) operation
• Internal self-timed write cycle
• Automatic power-down for portable applications
• JEDEC-standard 100-lead TQFP package
Functional Description
Applications
The GS8160E18/32/36T is an 18,874,368-bit (16,777,216-bit for x32
version) high performance synchronous SRAM with a 2-bit burst
address counter. Although of a type originally developed for Level 2
Cache applications supporting high performance CPUs, the device
now finds application in synchronous SRAM applications, ranging
from DSP main store to networking chip set support.
Controls
Addresses, data I/Os, chip enables (E1, E2, E3), address burst control
inputs (ADSP, ADSC, ADV), and write control inputs (Bx, BW, GW)
are synchronous and are controlled by a positive-edge-triggered clock
input (CK). Output enable (G) and power down control (ZZ) are
asynchronous inputs. Burst cycles can be initiated with either ADSP
or ADSC inputs. In Burst mode, subsequent burst addresses are
generated internally and are controlled by ADV. The burst address
counter may be configured to count in either linear or interleave order
with the Linear Burst Order (LBO) input. The Burst function need not
be used. New addresses can be loaded on every cycle with no
degradation of chip performance.
Flow Through/Pipeline Reads
The function of the Data Output register can be controlled by the user
via the FT mode pin (Pin 14). Holding the FT mode pin low places the
RAM in Flow Through mode, causing output data to bypass the Data
Output Register. Holding FT high places the RAM in Pipeline mode,
activating the rising-edge-triggered Data Output Register.
DCD Pipelined Reads
The GS8160E18/32/36T is a DCD (Dual Cycle Deselect) pipelined
synchronous SRAM. SCD (Single Cycle Deselect) versions are also
available. DCD SRAMs pipeline disable commands to the same
degree as read commands. DCD RAMs hold the deselect command
for one full cycle and then begin turning off their outputs just after the
second rising edge of clock.
Byte Write and Global Write
Byte write operation is performed by using Byte Write enable (BW)
input combined with one or more individual byte write signals (Bx).
In addition, Global Write (GW) is available for writing all bytes at one
time, regardless of the Byte Write control inputs.
Sleep Mode
Low power (Sleep mode) is attained through the assertion (High) of
the ZZ signal, or by stopping the clock (CK). Memory data is retained
during Sleep mode.
Core and Interface Voltages
The GS8160E18/32/36T operates on a 2.5 V or 3.3 V power supply.
All input are 3.3 V and 2.5 V compatible. Separate output power
(VDDQ) pins are used to decouple output noise from the internal
circuits and are 3.3 V and 2.5 V compatible.
Parameter Synopsis
-250 -225 -200 -166 -150 -133 Unit
Pipeline
3-1-1-1
tKQ
tCycle
2.5
4.0
2.7
4.4
3.0
5.0
3.4
6.0
3.8
6.7
4.0
7.5
ns
ns
3.3 V
Curr (x18)
Curr (x32/x36)
280
330
255
300
230
270
200
230
185
215
165
190
mA
mA
2.5 V
Curr (x18)
Curr (x32/x36)
275
320
250
295
230
265
195
225
180
210
165
185
mA
mA
Flow
Through
2-1-1-1
tKQ
tCycle
5.5
5.5
6.0
6.0
6.5
6.5
7.0
7.0
7.5
7.5
8.5
8.5
ns
ns
3.3 V
Curr (x18)
Curr (x32/x36)
175
200
165
190
160
180
150
170
145
165
135
150
mA
mA
2.5 V
Curr (x18)
Curr (x32/x36)
175
200
165
190
160
180
150
170
145
165
135
150
mA
mA


Podobny numer części - GS8160E32T-225

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS8160E32BGT-150 GSI-GS8160E32BGT-150 Datasheet
921Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E32BGT-150I GSI-GS8160E32BGT-150I Datasheet
921Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E32BGT-150IV GSI-GS8160E32BGT-150IV Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E32BGT-150V GSI-GS8160E32BGT-150V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E32BGT-200 GSI-GS8160E32BGT-200 Datasheet
921Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results

Podobny opis - GS8160E32T-225

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8161V18CD GSI-GS8161V18CD Datasheet
776Kb / 28P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS816018C GSI-GS816018C Datasheet
567Kb / 22P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS8160V18CT GSI-GS8160V18CT Datasheet
558Kb / 21P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com