Zakładka z wyszukiwarką danych komponentów |
|
GS8161E18BD-250IV Arkusz danych(PDF) 8 Page - GSI Technology |
|
GS8161E18BD-250IV Arkusz danych(HTML) 8 Page - GSI Technology |
8 / 35 page GS8161E18/32/36BD-xxxV 165-Bump BGA Pin Description Symbol Type Description A0, A1 I Address field LSBs and Address Counter Preset Inputs A I Address Inputs DQA DQB DQC DQD I/O Data Input and Output pins BA, BB, BC, BD I Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low NC — No Connect CK I Clock Input Signal; active high BW I Byte Write—Writes all enabled bytes; active low GW I Global Write Enable—Writes all bytes; active low E1 I Chip Enable; active low E3 I Chip Enable; active low E2 I Chip Enable; active high G I Output Enable; active low ADV I Burst address counter advance enable; active l0w ADSC, ADSP I Address Strobe (Processor, Cache Controller); active low ZZ I Sleep mode control; active high FT I Flow Through or Pipeline mode; active low LBO I Linear Burst Order mode; active low TMS I Scan Test Mode Select TDI I Scan Test Data In TDO O Scan Test Data Out TCK I Scan Test Clock MCL — Must Connect Low VDD I Core power supply VSS I I/O and Core Ground VDDQ I Output driver power supply GS8161ExxB(T/D)-xxxV Preliminary Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.01a 6/2006 8/35 © 2004, GSI Technology |
Podobny numer części - GS8161E18BD-250IV |
|
Podobny opis - GS8161E18BD-250IV |