Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT377AN Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74ABT377AN
Szczegółowy opis  Octal D-type flip-flop with enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT377AN Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74ABT377AN Datasheet HTML 1Page - NXP Semiconductors 74ABT377AN Datasheet HTML 2Page - NXP Semiconductors 74ABT377AN Datasheet HTML 3Page - NXP Semiconductors 74ABT377AN Datasheet HTML 4Page - NXP Semiconductors 74ABT377AN Datasheet HTML 5Page - NXP Semiconductors 74ABT377AN Datasheet HTML 6Page - NXP Semiconductors 74ABT377AN Datasheet HTML 7Page - NXP Semiconductors 74ABT377AN Datasheet HTML 8Page - NXP Semiconductors 74ABT377AN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74ABT377A
Octal D-type flip-flop with enable
1997 Feb 26
3
LOGIC SYMBOL (IEEE/IEC)
1
3
2
4
5
7
6
8
9
G1
11
IC2
13
12
14
15
17
16
18
19
2D
SA00157
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
E
Enable input (active–Low)
3, 4, 7, 8, 13, 14,
17, 18
D0-D7
Data inputs
2, 5, 6, 9, 12, 15,
16, 19
Q0-Q7
Data outputs
11
CP
Clock Pulse input (active
rising edge)
10
GND
Ground (0V)
20
VCC
Positive supply voltage
LOGIC DIAGRAM
DQ
CP
D
CP
D
CP
DQ
CP
Q
Q
34
7
8
11
Q0
Q1
Q2
Q3
CP
D0
D1
D2
D3
DQ
CP
D
CP
D
CP
DQ
CP
Q
Q
13
14
17
18
D4
D5
D6
D7
1
2
5
6
9
12
15
16
19
Q4
Q5
Q6
Q7
E
SA00158


Podobny numer części - 74ABT377AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ABT377 FAIRCHILD-74ABT377 Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377CMSA FAIRCHILD-74ABT377CMSA Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377CMTC FAIRCHILD-74ABT377CMTC Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377CSC FAIRCHILD-74ABT377CSC Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377CSJ FAIRCHILD-74ABT377CSJ Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
More results

Podobny opis - 74ABT377AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AC11377 PHILIPS-74AC11377 Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
74F377A PHILIPS-74F377A Datasheet
84Kb / 10P
   Octal D-type flip-flop with enable
1996 Mar 12
logo
Texas Instruments
74AC11377 TI1-74AC11377_10 Datasheet
107Kb / 8P
[Old version datasheet]   OCTAL D TYPE FLIP FLOP WITH ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
Texas Instruments
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com